Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8209-2 Datasheet (PDF) - Infineon Technologies AG

TLE8209-2 Datasheet PDF - Infineon Technologies AG
Part # TLE8209-2
Download  TLE8209-2 Download
File Size   758.2 Kbytes
Page   41 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description SPI Programmable H-Bridge

TLE8209-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE8209-2 Datasheet PDF - Infineon Technologies AG

Part # TLE8209-2
Download  TLE8209-2 Click to download

File Size   758.2 Kbytes
Page   41 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description SPI Programmable H-Bridge

TLE8209-2 Datasheet (HTML) - Infineon Technologies AG


TLE8209-2 Product details

Functional Description
The TLE8209-2 is a SPI programmable H-bridge, designed for the control of DC motors in safety critical automotive applications. It features four selectable current ranges, two selectable slew rate settings and extensive diagnosis via SPI. The device monitors the digital supply voltage VDD and shuts down the output stages in case of VDD over- or undervoltage, thus providing a safe switch off path in case of malfunction of the digital control circuitry.
In order to reduce power dissipation in extreme thermal conditions the current limitation threshold is reduced linearly for junction temperatures over 165°C. A thermal warning bit is set in the SPI.
The two half bridges can also be used independently to drive two separate loads like solenoids or unidirectional DC motors.

Features
• Programmable current limitation from 1.5 to 8.6 A typ.
• Full path RDSon of 240 mΩ (typ. at Tj=25°C)
• Operating battery supply voltage 4.5 V to 28 V
• Operating logic supply voltage 4.4 to 5.25 V
• Low standby current (8 µA typ.)
• Logic inputs TTL/CMOS-compatible
• All I/O pins overvoltage tolerant up to 18 V
• Enable and disable input
• Short circuit and overtemperature protection
• VS undervoltage shutdown
• VDD over and undervoltage monitoring
• Open load detection in off condition
• Temperature dependent current reduction
• Extensive diagnosis capabilities via SPI interface
• Status Flag for basic diagnosis without SPI
• Configurable as H-bridge or two independent half bridges
• Control of power stages by parallel inputs or via SPI
• Output switching frequency up to 11 kHz
• Slewrate programmable through SPI
• Excellent EMC performance
• AEC qualified
• Green product (RoHS compliant)




Similar Part No. - TLE8209-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8209-2SA INFINEON-TLE8209-2SA Datasheet
504Kb / 38P
SPI Programmable H-Bridge
Rev. 1.0, Feb. 2010
TLE8209-2SA INFINEON-TLE8209-2SA_12 Datasheet
703Kb / 38P
SPI Programmable H-Bridge
Rev. 1.2, Dec. 2012
More results


Similar Description - TLE8209-2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9230 STMICROELECTRONICS-L9230 Datasheet
218Kb / 25P
SPI CONTROLLED H-BRIDGE
Mar-2003
L9929 STMICROELECTRONICS-L9929 Datasheet
629Kb / 23P
SPI CONTROLLED H-BRIDGE
13-May-2005
logo
Freescale Semiconductor...
33899 FREESCALE-33899_10 Datasheet
485Kb / 26P
Programmable H-Bridge
logo
Infineon Technologies A...
TLE8209-2SA INFINEON-TLE8209-2SA Datasheet
504Kb / 38P
SPI Programmable H-Bridge
Rev. 1.0, Feb. 2010
logo
NXP Semiconductors
MC33HB2001FK NXP-MC33HB2001FK Datasheet
2Mb / 48P
10 A H-Bridge, SPI programmable brushed DC motor driver
Rev. 6.0-3 May 2016
logo
Infineon Technologies A...
TLE8209-2SA INFINEON-TLE8209-2SA_12 Datasheet
703Kb / 38P
SPI Programmable H-Bridge
Rev. 1.2, Dec. 2012
logo
NXP Semiconductors
MC33HB2000 NXP-MC33HB2000 Datasheet
3Mb / 51P
10 A H-bridge, SPI programmable brushed DC motor driver
Rev. 6.0 ??9 August 2018
MC33HB2001 NXP-MC33HB2001 Datasheet
2Mb / 48P
10 A H-bridge, SPI programmable brushed DC motor driver
Rev. 9.0-9 August 2018
MC33HB2002 NXP-MC33HB2002 Datasheet
3Mb / 47P
10 A H-bridge, SPI programmable brushed DC motor driver
Rev. 5 ??17 April 2020
logo
STMicroelectronics
L9960 STMICROELECTRONICS-L9960 Datasheet
1Mb / 95P
Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
02-Feb-2021
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com