Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBB51TK Datasheet (PDF) - Micro Electronics

MBB51TK Datasheet PDF - Micro Electronics
Part # MBB51TK
Download  MBB51TK Download
File Size   56.99 Kbytes
Page   1 Pages
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics
Description 5mm BLUE LED LAMP

MBB51TK Datasheet (PDF)

Go To PDF Page Download Datasheet
MBB51TK Datasheet PDF - Micro Electronics

Part # MBB51TK
Download  MBB51TK Click to download

File Size   56.99 Kbytes
Page   1 Pages
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics
Description 5mm BLUE LED LAMP

MBB51TK Datasheet (HTML) - Micro Electronics


MBB51TK Product details

DESCRIPTION
The MBB51TK is a efficient GaN blue LED with a 430nm peak wavelength, It is encapsulated in a T-1 3/4 standard package with 1 inch lead and clear transparent lens.




Similar Part No. - MBB51TK

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MBB51TK-11J MICRO-ELECTRONICS-MBB51TK-11J Datasheet
130Kb / 2P
ULTRA HIGH BRIGHTNESS BLUE LED LAMP
More results


Similar Description - MBB51TK

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LB5410 SIEMENS-LB5410 Datasheet
77Kb / 1P
BLUE T1 (5mm) LED LAMP
logo
Micro Electronics
MBB51D MICRO-ELECTRONICS-MBB51D Datasheet
57Kb / 1P
5mm BLUE LED LAMP
MBB51DA MICRO-ELECTRONICS-MBB51DA Datasheet
55Kb / 1P
5mm BLUE LED LAMP
MBB51TA MICRO-ELECTRONICS-MBB51TA Datasheet
57Kb / 1P
5mm BLUE LED LAMP
MBB51W MICRO-ELECTRONICS-MBB51W Datasheet
56Kb / 1P
5mm BLUE LED LAMP
MBB55TA MICRO-ELECTRONICS-MBB55TA Datasheet
58Kb / 1P
5mm BLUE LED LAMP
logo
TAITRON Components Inco...
TLN-H4Q5-583 TAITRON-TLN-H4Q5-583 Datasheet
245Kb / 6P
5mm x 5mm Square Lamp LED
logo
List of Unclassifed Man...
QSD8T120B ETC1-QSD8T120B Datasheet
548Kb / 7P
5mm lamp LED
logo
LightKey Optoelectronic...
LLR522BGC-D26 LIGHTKEY-LLR522BGC-D26 Datasheet
81Kb / 2P
5mm Round Blue Green Traffic LED Lamp
logo
TT Electronics.
OVLHBKD8 TTELEC-OVLHBKD8 Datasheet
663Kb / 4P
Oval Blue LED Lamp (5mm)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com