Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16C62X Datasheet (PDF) - Microchip Technology

16C62X Datasheet PDF - Microchip Technology
Part # 16C62X
Download  16C62X Download
File Size   645.49 Kbytes
Page   108 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description EPROM-Based 8-Bit CMOS Microcontroller

16C62X Datasheet (PDF)

Go To PDF Page Download Datasheet
16C62X Datasheet PDF - Microchip Technology

Part # 16C62X
Download  16C62X Click to download

File Size   645.49 Kbytes
Page   108 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description EPROM-Based 8-Bit CMOS Microcontroller

16C62X Datasheet (HTML) - Microchip Technology


16C62X Product details

GENERAL DESCRIPTION
The PIC16C62X are 18 and 20 Pin ROM/EPROM-based members of the versatile PICmicro™ family of low-cost, high-performance, CMOS, fully-static, 8-bit microcontrollers.

High Performance RISC CPU:
• Only 35 instructions to learn
• All single-cycle instructions (200 ns), except for program branches which are two-cycle
• Operating speed:
   - DC - 20 MHz clock input
   - DC - 200 ns instruction cycle

• Interrupt capability
• 16 special function hardware registers
• 8-level deep hardware stack
• Direct, Indirect and Relative addressing modes

Peripheral Features:
• 13 I/O pins with individual direction control
• High current sink/source for direct LED drive
• Analog comparator module with:
   - Two analog comparators
   - Programmable on-chip voltage reference (VREF) module
   - Programmable input multiplexing from device inputs and internal voltage reference
   - Comparator outputs can be output signals
• Timer0: 8-bit timer/counter with 8-bit programmable prescaler

Special Microcontroller Features:
• Power-on Reset (POR)
• Power-up Timer (PWRT) and Oscillator Start-up Timer (OST)
• Brown-out Reset
• Watchdog Timer (WDT) with its own on-chip RC oscillator for reliable operation
• Programmable code protection
• Power saving SLEEP mode
• Selectable oscillator options
• Serial in-circuit programming (via two pins)
• Four user programmable ID locations

CMOS Technology:
• Low-power, high-speed CMOS EPROM technology
• Fully static design
• Wide operating voltage range
   - PIC16C62X - 2.5V to 6.0V
   - PIC16C62XA - 2.5V to 5.5V
   - PIC16CR620A - 2.0V to 5.5V
• Commercial, industrial and extended temperature range
• Low power consumption
   - < 2.0 mA @ 5.0V, 4.0 MHz
   - 15 µA typical @ 3.0V, 32 kHz
   - < 1.0 µA typical standby current @ 3.0V




Similar Part No. - 16C62X

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
16C62P RENESAS-16C62P Datasheet
1Mb / 101P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Similar Description - 16C62X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C55XA MICROCHIP-PIC16C55XA Datasheet
1,010Kb / 96P
EPROM-Based 8-Bit CMOS Microcontroller
1997
logo
List of Unclassifed Man...
MTU8B54E ETC1-MTU8B54E Datasheet
286Kb / 23P
EPROM-Based 8-Bit CMOS Microcontroller
logo
Microchip Technology
PIC16LV5X MICROCHIP-PIC16LV5X Datasheet
132Kb / 24P
EPROM-Based 8-Bit CMOS Microcontroller Series
1996
PIC16C54C-04-P MICROCHIP-PIC16C54C-04-P Datasheet
2Mb / 192P
EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C55A-JW MICROCHIP-PIC16C55A-JW Datasheet
2Mb / 192P
EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C55-XTI MICROCHIP-PIC16C55-XTI Datasheet
1Mb / 194P
EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C56-XT MICROCHIP-PIC16C56-XT Datasheet
1Mb / 194P
EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C57-RC MICROCHIP-PIC16C57-RC Datasheet
1Mb / 194P
EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 218P
EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
01/18/02
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 194P
EPROM/ROM-Based 8-bit CMOS Microcontroller Series
01/18/02
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com