Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSB34C Datasheet (PDF) - Micro Electronics

MSB34C Datasheet PDF - Micro Electronics
Part # MSB34C
Download  MSB34C Download
File Size   110.96 Kbytes
Page   2 Pages
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics
Description SOLID STATE INDICATORS ARE 3mm DIAMETER CYLIMDRIC LAMPS

MSB34C Datasheet (PDF)

Go To PDF Page Download Datasheet
MSB34C Datasheet PDF - Micro Electronics

Part # MSB34C
Download  MSB34C Click to download

File Size   110.96 Kbytes
Page   2 Pages
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics
Description SOLID STATE INDICATORS ARE 3mm DIAMETER CYLIMDRIC LAMPS

MSB34C Datasheet (HTML) - Micro Electronics


MSB34C Product details

DESCRIPTION
This series of solid state indicators are 3mm diameter cylindric lamps




Similar Part No. - MSB34C

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MSB34CA MICRO-ELECTRONICS-MSB34CA Datasheet
102Kb / 2P
3mm CYLINDRIC HIGH BRIGHTNESS LED LAMPS
More results


Similar Description - MSB34C

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-K600 QT-HLMP-K600 Datasheet
244Kb / 3P
T-1 (3mm) SOLID STATE LAMPS
logo
Micro Electronics
MOB61DR MICRO-ELECTRONICS-MOB61DR Datasheet
57Kb / 1P
SOLID STATE INDICATORS ARE ENCAPSULATED
MRB38D MICRO-ELECTRONICS-MRB38D Datasheet
57Kb / 1P
SOLID STATE INDICATORS ARE 3mm DIAMETER FLANGELESS LED LAMP
MRB47D MICRO-ELECTRONICS-MRB47D Datasheet
50Kb / 1P
SOLID STATE INDICATORS ARE 4.7mm DIAMETER FLANGCLESS LED LAMP
logo
Kingbright Corporation
L132XID KINGBRIGHT-L132XID Datasheet
162Kb / 5P
T-1 3MM SOLID STATE LAMPS
L934HD KINGBRIGHT-L934HD Datasheet
210Kb / 7P
T-1 (3mm)SOLID STATE LAMPS
L1154ID KINGBRIGHT-L1154ID Datasheet
165Kb / 5P
T-1(3mm) SOLID STATE LAMPS
logo
Lite-On Technology Corp...
LTL-16 LITEON-LTL-16 Datasheet
282Kb / 1P
T-1(3mm) SOLID STATE LAMPS
logo
Kingbright Corporation
L7104GD KINGBRIGHT-L7104GD Datasheet
187Kb / 6P
T-1 (3mm)SOLID STATE LAMPS
L934SE KINGBRIGHT-L934SE Datasheet
88Kb / 3P
T-1 (3mm) SOLID STATE LAMPS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com