Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPLU300N04S4-R8 Datasheet (PDF) - Infineon Technologies AG

IPLU300N04S4-R8 Datasheet PDF - Infineon Technologies AG
Part # IPLU300N04S4-R8
Download  IPLU300N04S4-R8 Download
File Size   289.44 Kbytes
Page   9 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description N-channel - Enhancement mode

IPLU300N04S4-R8 Datasheet (PDF)

Go To PDF Page Download Datasheet
IPLU300N04S4-R8 Datasheet PDF - Infineon Technologies AG

Part # IPLU300N04S4-R8
Download  IPLU300N04S4-R8 Click to download

File Size   289.44 Kbytes
Page   9 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description N-channel - Enhancement mode

IPLU300N04S4-R8 Datasheet (HTML) - Infineon Technologies AG


IPLU300N04S4-R8 Product details

Features
• N-channel - Enhancement mode
• AEC qualified
• MSL1 up to 260°C peak reflow
• 175°C operating temperature
• Green product (RoHS compliant); 100% lead free
• Ultra low Rds(on)
• 100% Avalanche tested




Similar Part No. - IPLU300N04S4-R8

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPLU300N04S4-R8 INFINEON-IPLU300N04S4-R8 Datasheet
267Kb / 9P
OptiMOS™-T2 Power-Transistor
2015-10-06
IPLU300N04S4-R8 INFINEON-IPLU300N04S4-R8 Datasheet
373Kb / 2P
Battery disconnect switch For all voltage up to 24 V
03 / 2019
IPLU300N04S4-R8 INFINEON-IPLU300N04S4-R8_V01 Datasheet
267Kb / 9P
OptiMOS™-T2 Power-Transistor
2015-10-06
IPLU300N04S4-R8 INFINEON-IPLU300N04S4-R8_V02 Datasheet
373Kb / 2P
Battery disconnect switch For all voltage up to 24 V
03 / 2019
More results


Similar Description - IPLU300N04S4-R8

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Technolo...
ARF446 ADPOW-ARF446 Datasheet
61Kb / 4P
N-CHANNEL ENHANCEMENT MODE
ARF450 ADPOW-ARF450 Datasheet
178Kb / 4P
N-CHANNEL ENHANCEMENT MODE
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
N P-Channel Enhancement Mode Enhancement Mode
logo
Guangdong Kexin Industr...
KO3414 KEXIN-KO3414 Datasheet
53Kb / 2P
N-Channel Enhancement Mode
logo
IXYS Corporation
IXTH60N20L2 IXYS-IXTH60N20L2 Datasheet
155Kb / 5P
N-Channel Enhancement Mode
IXTH220N075T IXYS-IXTH220N075T Datasheet
190Kb / 5P
N-Channel Enhancement Mode
IXTR62N15P IXYS-IXTR62N15P Datasheet
212Kb / 2P
N-Channel Enhancement Mode
logo
New Jersey Semi-Conduct...
VN0104N2 NJSEMI-VN0104N2 Datasheet
68Kb / 1P
N-Channel Enhancement-Mode
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com