Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE6239 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE6239 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE6239
Download  PE6239 Download
File Size   355.11 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description High Power 100 Watts RF Load Up To 2.7 GHz With 7-16 DIN Female Input Paint Plated Aluminum

PE6239 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE6239 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE6239
Download  PE6239 Click to download

File Size   355.11 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description High Power 100 Watts RF Load Up To 2.7 GHz With 7-16 DIN Female Input Paint Plated Aluminum

PE6239 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE6239

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6230 PASTERNACK-PE6230 Datasheet
204Kb / 3P
High Power 200 Watts RF Load Up To 3 GHz With N Male Input High Power Black Anodized Aluminum Heatsink
PE6230 PASTERNACK-PE6230 Datasheet
449Kb / 4P
N Male Input High Power Black Anodized Aluminum Heatsink
PE6230 PASTERNACK-PE6230_16 Datasheet
449Kb / 4P
N Male Input High Power Black Anodized Aluminum Heatsink
PE6231 PASTERNACK-PE6231 Datasheet
242Kb / 3P
50 Ohm 200 Watts High Power Black Anodized Aluminum Heatsink N Female RF Load Up To 3 GHz
PE6231 PASTERNACK-PE6231 Datasheet
447Kb / 4P
N Female Input High Power Black Anodized Aluminum Heatsink
More results


Similar Description - PE6239

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6137 PASTERNACK-PE6137 Datasheet
255Kb / 3P
50 Ohm 100 Watts Aluminum Heatsink 7/16 DIN Female RF Load Up To 2 GHz
PE6209 PASTERNACK-PE6209 Datasheet
250Kb / 3P
Medium Power 25 Watts RF Load Up To 8 GHz With 7/16 DIN Male Input
PE6210 PASTERNACK-PE6210 Datasheet
250Kb / 3P
Medium Power 25 Watts RF Load Up To 8 GHz With 7/16 DIN Female input
PE6217 PASTERNACK-PE6217 Datasheet
249Kb / 3P
Medium Power 50 Watts RF Load Up To 8 GHz With 7/16 DIN
PE6218 PASTERNACK-PE6218 Datasheet
250Kb / 3P
Medium Power 50 Watts RF Load Up To 8 GHz With 7/16 DIN
PE6225 PASTERNACK-PE6225 Datasheet
255Kb / 3P
High Power 100 Watts RF Load Up To 8 GHz With 7/16 DIN
PE6190 PASTERNACK-PE6190 Datasheet
197Kb / 3P
Low Power 2 Watts RF Load Up To 3 GHz With 7-16 DIN Male Input Silver Plated Brass
PE6197 PASTERNACK-PE6197 Datasheet
200Kb / 3P
High Power 100 Watts RF Load Up To 3 GHz With 7-16 DIN Male Input Conduction Cooled Body Black Anodized Aluminum Heatsink
PE6238 PASTERNACK-PE6238 Datasheet
365Kb / 3P
Medium Power 50 Watts RF Load Up To 2.7 GHz With 7/16 DIN Male and Female Input Paint Plated Aluminum
PE6139 PASTERNACK-PE6139_16 Datasheet
335Kb / 3P
5 Watt RF Load Up to 7 GHz with 7/16 DIN Female Tri-Metal Plated Brass
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com