Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D1961SH Datasheet (PDF) - Infineon Technologies AG

D1961SH Datasheet PDF - Infineon Technologies AG
Part # D1961SH
Download  D1961SH Download
File Size   272.78 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description High DC blocking stability

D1961SH Datasheet (PDF)

Go To PDF Page Download Datasheet
D1961SH Datasheet PDF - Infineon Technologies AG

Part # D1961SH
Download  D1961SH Click to download

File Size   272.78 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description High DC blocking stability

D1961SH Datasheet (HTML) - Infineon Technologies AG


D1961SH Product details

Key Parameters
   VRRM 4500 V
   IFAVM 1830 A (TC=85 °C)
   IFSM 3570A (T 40000 A C=55°C)
   VT0 1,25 V
   rT 0,5 mΩ
   RthJC 7,5 K/kW
   Clamping Force 36 … 52 kN
   Max. Diameter 121 mm
   Contact Diameter 86 mm
   Height 26 mm

Features
• Full blocking capability 50/60Hz over a wide temperature range
• High DC blocking stability
• High surge current capability
• High case non-rupture current
• Soft turn-off behavior at high turn-off di/dt

Typical Applications
• Medium voltage converters
• Freewheeling Diode for IGCT - applications
• Freewheeling Diode for IGBT - applications
• Pulsed power applications




Similar Part No. - D1961SH

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
D1961SH EUPEC-D1961SH Datasheet
270Kb / 10P
Fast Hard Drive Diode
More results


Similar Description - D1961SH

ManufacturerPart #DatasheetDescription
logo
Epson Company
TG-5006CG EPSON-TG-5006CG Datasheet
393Kb / 2P
HIGH STABILITY
TG-5006CJ EPSON-TG-5006CJ Datasheet
393Kb / 2P
HIGH STABILITY
TG-5035CE EPSON-TG-5035CE Datasheet
374Kb / 2P
HIGH STABILITY
TG-5035CJ EPSON-TG-5035CJ Datasheet
452Kb / 2P
HIGH STABILITY
logo
Solid State Optronic
SAT1670 SSOUSA-SAT1670 Datasheet
392Kb / 8P
High stability
logo
Infineon Technologies A...
D3041N INFINEON-D3041N Datasheet
318Kb / 9P
High DC blocking stability
logo
CRYSTEK CORPORATION
CO27VS05DE-02-10.000 CRYSTEKMICROWAVE-CO27VS05DE-02-10.000 Datasheet
159Kb / 2P
High Stability
logo
Willow Technologies Ltd
CXLTG WILLOW-CXLTG Datasheet
391Kb / 2P
High Stability
logo
Epson Company
TG1612SAN EPSON-TG1612SAN Datasheet
440Kb / 2P
HIGH STABILITY
TG2016SBN EPSON-TG2016SBN Datasheet
632Kb / 2P
HIGH STABILITY
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com