Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D931SH Datasheet (PDF) - Infineon Technologies AG

D931SH Datasheet PDF - Infineon Technologies AG
Part # D931SH
Download  D931SH Download
File Size   293.86 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Full blocking capability 50/60Hz over a wide temperature range

D931SH Datasheet (PDF)

Go To PDF Page Download Datasheet
D931SH Datasheet PDF - Infineon Technologies AG

Part # D931SH
Download  D931SH Click to download

File Size   293.86 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Full blocking capability 50/60Hz over a wide temperature range

D931SH Datasheet (HTML) - Infineon Technologies AG


D931SH Product details

Key Parameters 
   VRRM 6500 V
   IFAVM 940 A (TC=85 °C)
   IFSM 3570A (T 16000 A C=55°C)
   VT0 1,99 V
   rT 1,44 mΩ
   RthJC 10 K/kW
   Clamping Force 27 … 47 kN
   Max. Diameter 100 mm
   Contact Diameter 62,8 mm
   Height 26 mm

Features
• Full blocking capability 50/60Hz over a wide temperature range
• High DC blocking stability
• High surge current capability
• High case non-rupture current
• Soft turn-off behavior at high turn-off di/dt

Typical Applications
• Medium voltage converters
• Freewheeling Diode for IGCT - applications
• Freewheeling Diode for IGBT - applications
• Pulsed power applications




Similar Part No. - D931SH

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
D931SH EUPEC-D931SH Datasheet
304Kb / 10P
Fast Hard Drive Diode
More results


Similar Description - D931SH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
D2700U INFINEON-D2700U Datasheet
335Kb / 8P
Full blocking capability 50/60Hz over a wide temperature range
2017-03-27 Revision: 1.1
D3001N INFINEON-D3001N Datasheet
250Kb / 9P
Full blocking capability 50/60Hz over a wide temperature range
2014-06-01 Revision: 9.1
D911SH INFINEON-D911SH Datasheet
356Kb / 11P
Full blocking capability 50/60Hz over a wide temperature range
2015-01-04 Revision: 10.1
D1031SH INFINEON-D1031SH Datasheet
357Kb / 11P
Full blocking capability 50/60Hz over a wide temperature range
2015-04-01 Revision: 8.2
D1301SH INFINEON-D1301SH Datasheet
273Kb / 8P
Full blocking capability 50/60Hz over a wide temperature range
2016-07-26 Revision: 2.4
D1331SH INFINEON-D1331SH Datasheet
349Kb / 11P
Full blocking capability 50/60Hz over a wide temperature range
2015-04-01 Revision: 10.2
D1721NH INFINEON-D1721NH Datasheet
304Kb / 10P
Full blocking capability 50/60Hz over a wide temperature range
2014-06-01 Revision: 4.0
D2201N INFINEON-D2201N Datasheet
223Kb / 7P
Full blocking capability 50/60Hz over a wide temperature range
2014-06-01 Revision: 7.1
D4201N INFINEON-D4201N Datasheet
251Kb / 9P
Full blocking capability 50/60Hz over a wide temperature range
2014-06-01 Revision: 6.1
D6001N INFINEON-D6001N Datasheet
258Kb / 9P
Full blocking capability 50/60Hz over a wide temperature range
2014-06-01 Revision: 3.1
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com