Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2021 Datasheet (PDF) - Micro Linear Corporation

ML2021 Datasheet PDF - Micro Linear Corporation
Part # ML2021
Download  ML2021 Download
File Size   613.78 Kbytes
Page   12 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description TELEPHONE LINE EQUALIZER

ML2021 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML2021 Datasheet PDF - Micro Linear Corporation

Part # ML2021
Download  ML2021 Click to download

File Size   613.78 Kbytes
Page   12 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description TELEPHONE LINE EQUALIZER

ML2021 Datasheet (HTML) - Micro Linear Corporation


ML2021 Product details

General Description
The ML2021 is a monolithic analog line equalizer for telephone applications. The ML2021 consists of a switched capacitor filter that realizes a family of frequency response curves optimized for telephone line equalization while minimizing group delay.

Features
• Slope, height, and bandwidth adjustable
• Optimized group delays (500 Hz to 6.4 kHz)
• On chip anti-alias filter
• Bypass mode
• Low supply current 6 mA typical from ±5V supplies
• TTL / CMOS compatible interface
• Double buffered data latch
• Selectable master clock 1.544 or 1.536 MHz
• Synchronous or asynchronous data loading capability
• Compatible with ML2003 and ML2004 logarithmic gain/attenuator




Similar Part No. - ML2021

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML2021 FAIRCHILD-ML2021 Datasheet
93Kb / 11P
Telephone Line Equalizer
More results


Similar Description - ML2021

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TCA3388 MOTOROLA-TCA3388 Datasheet
274Kb / 16P
TELEPHONE LINE INTERFACE
logo
NXP Semiconductors
UBA1706 PHILIPS-UBA1706 Datasheet
197Kb / 28P
Cordless telephone line interface
1999 Jun 04
logo
Supertex, Inc
HT18 SUTEX-HT18 Datasheet
76Kb / 3P
Electronic Telephone Line Switch
logo
Fairchild Semiconductor
ML2021 FAIRCHILD-ML2021 Datasheet
93Kb / 11P
Telephone Line Equalizer
logo
Micro Linear Corporatio...
ML2020 MICRO-LINEAR-ML2020 Datasheet
616Kb / 12P
TELEPHONE LINE EQUALIZER
logo
List of Unclassifed Man...
XE0020 ETC-XE0020 Datasheet
26Kb / 6P
Telephone Line Interface with Active Line Monitoring
logo
Supertex, Inc
HT18 SUTEX-HT18_07 Datasheet
369Kb / 4P
Electronic Telephone Line Switch
logo
Adam Technologies, Inc.
MTJC-88-XB ADAM-TECH-MTJC-88-XB Datasheet
97Kb / 1P
TELEPHONE JACK COUPLER TELEPHONE LINE CORD COUPLER
logo
Supertex, Inc
HT19 SUTEX-HT19_14 Datasheet
444Kb / 4P
Electronic Telephone Line Switch
HT18 SUTEX-HT18_14 Datasheet
443Kb / 4P
Electronic Telephone Line Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com