Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2712-1 Datasheet (PDF) - Micro Linear Corporation

ML2712-1 Datasheet PDF - Micro Linear Corporation
Part # ML2712-1
Download  ML2712-1 Download
File Size   174.48 Kbytes
Page   2 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description 2.4GHz FHSS Radio Chipset

ML2712-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML2712-1 Datasheet PDF - Micro Linear Corporation

Part # ML2712-1
Download  ML2712-1 Click to download

File Size   174.48 Kbytes
Page   2 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description 2.4GHz FHSS Radio Chipset

ML2712-1 Datasheet (HTML) - Micro Linear Corporation


ML2712-1 Product details

The 2.4GHz radio chipset is targeted at the IEEE802.11 Frequency Hopping Spread Spectrum standard. Two devices; ML2712 2.4GHz RF Transceiver and the ML2713 IF Transceiver implement a very highly integrated, easy to use radio with a low cost bill of materials. The transmit path includes a DAC and IF up converter in the ML2713 followed by an integrated transmit PLL, 2.4GHz mixer and directly modulated VCO in the ML2712. The result is accurate digital generation of the modulated signal for 802.11 compatibility and maintenance of adequate transmitter range even without RF bandpass filters. The dual conversion receiver features high dynamic range and support for the 4G FSK/2Mbps requirement of 802.11 standard. The chipset also inplements a self aligning descriminator adjusted with every frequency hop.
An optional ML2731 PA Bias Controller completes the set.

Features
ML2712
● 1LO and 2LO VCO and PLL On-Chip
● 1LO and 2LO Tank Circuits Off-Chip
● Directly Modulated VCO Transmitter
● PLL Programming with 3 Wire IF
● Operation to 2.5GHz
● 48 Pin TQFP Package

ML2713
● Image Reject Up - Convert Mixer On-Chip
● Receive Down - Convert Mixer On-Chip
● Integrated Discriminator and Filter Alignment Circuits
● High Signal to Noise at Discriminator Output
● Received Signal Strength Indication Output
● On-Chip DAC Generates Modulated IF
● Low Noise Regulator Output
● 48 Pin TQFP Package

ML2731
● PA Current Control
● 10MHz - 40MHz Frequency Range
● Fast Start Negative Voltage Generator
● On-Chip Regulators
● 16 Pin TSSOP Package




Similar Part No. - ML2712-1

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2712 MICRO-LINEAR-ML2712 Datasheet
293Kb / 22P
2.4GHz RF Transceiver
ML2712CH MICRO-LINEAR-ML2712CH Datasheet
293Kb / 22P
2.4GHz RF Transceiver
ML2712EH MICRO-LINEAR-ML2712EH Datasheet
293Kb / 22P
2.4GHz RF Transceiver
More results


Similar Description - ML2712-1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
AN611 MAXIM-AN611 Datasheet
37Kb / 3P
TD-SCDMA Radio Chipset Block Diagram for Handset Application
Jun 01, 2001
logo
List of Unclassifed Man...
XE24S100 ETC1-XE24S100 Datasheet
146Kb / 16P
Complete 2.4 GHZ FHSS Transceiver
logo
Advanced Micro Devices
AMD-750 AMD-AMD-750 Datasheet
322Kb / 12P
Chipset
logo
Murata Manufacturing Co...
WIT910M MURATA-WIT910M Datasheet
221Kb / 3P
900 MHz FHSS Transceiver Module
WIT2410M4G MURATA-WIT2410M4G Datasheet
315Kb / 2P
FHSS Transceiver Modules
WIT2450M2 MURATA-WIT2450M2 Datasheet
415Kb / 2P
Low-Cost FHSS Transceiver Module
logo
List of Unclassifed Man...
AW24MCHL-H2 ETC2-AW24MCHL-H2 Datasheet
504Kb / 13P
2.4GHz DSSS Micro Radio Module with Integrated Antenna
logo
ATMEL Corporation
AT86RF215 ATMEL-AT86RF215 Datasheet
10Mb / 235P
Sub-1GHz/2.4GHz Transceiver and I/Q Radio for
logo
List of Unclassifed Man...
LT8920 ETC2-LT8920 Datasheet
1Mb / 51P
Long range 2.4GHz Radio Transceiver
logo
Wurth Elektronik GmbH &...
2611011021000 WURTH-2611011021000 Datasheet
458Kb / 6P
WIRL-PRO2 Thyone-I radio module 2.4GHz T&R
001.000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com