Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2751 Datasheet (PDF) - Micro Linear Corporation

ML2751 Datasheet PDF - Micro Linear Corporation
Part # ML2751
Download  ML2751 Download
File Size   153.75 Kbytes
Page   10 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Power Amplifier and LNA

ML2751 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML2751 Datasheet PDF - Micro Linear Corporation

Part # ML2751
Download  ML2751 Click to download

File Size   153.75 Kbytes
Page   10 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Power Amplifier and LNA

ML2751 Datasheet (HTML) - Micro Linear Corporation


ML2751 Product details

GENERAL DESCRIPTION
The 2751 is a 900 MHz ISM band radio front-end intended for use in half duplex radio applications such as cordless phones and FCC Part 15 compliant devices. It integrates a power amplifier (PA), a Low Noise Amplifier (LNA), Pin Diode drivers for an external transmit/receive switch, and control circuits. The 100mW power amplifier has output power control with a >20dB range. The ML2751 can be used to increase battery life and offers output power ramp control in TDMA applications. An internal LNA eliminates the need for a discrete design. PIN diode drivers control the transmit/receive switch directly. Internal logic individually enables the LNA, PA, and PIN diode drivers. A power down mode to minimize current consumption is included.

FEATURES
■ Fully integrated Power Amplifier, Low Noise Amplifier, and PIN diode drivers
■ 100mW Power Amplifier
■ Single supply, 2.7V to 4.5V operating range
■ PA output: +21 dBm at 3.0V, 35dB gain, 35% efficiency at 3.3V after harmonic filter; integrated PA ramp control
■ LNA: noise figure of 2.5dB, –15dBm 3rd-order intercept point, and –25dBm

APPLICATIONS
■ 900 MHz FCC Part 15 Radios
■ 900 MHz Cordless Telephones
■ TDD / TDMA Radios




Similar Part No. - ML2751

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2751 MICRO-LINEAR-ML2751 Datasheet
96Kb / 2P
900MHz DSSS RF to Digital Transceiver Chipset
More results


Similar Description - ML2751

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA600 PHILIPS-SA600 Datasheet
283Kb / 17P
1GHz LNA and mixer
1993 Dec 15
logo
DAICO Industries, Inc.
DX0907 DAICO-DX0907 Datasheet
139Kb / 1P
Attenuator and Power Amplifier
logo
Motorola, Inc
MC13142 MOTOROLA-MC13142 Datasheet
165Kb / 16P
LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
logo
M/A-COM Technology Solu...
XX1001-BD MA-COM-XX1001-BD Datasheet
774Kb / 7P
Doubler and Power Amplifier
XX1001-QK MA-COM-XX1001-QK Datasheet
690Kb / 7P
Doubler and Power Amplifier
logo
TriQuint Semiconductor
TGA2567-SM TRIQUINT-TGA2567-SM_15 Datasheet
583Kb / 11P
2 20 GHz LNA Amplifier
logo
M/A-COM Technology Solu...
XR1011-QH MA-COM-XR1011-QH_16 Datasheet
871Kb / 8P
Integrated LNA, Mixer and LO Buffer Amplifier
XR1015-QH MA-COM-XR1015-QH_16 Datasheet
1Mb / 10P
Integrated LNA, Mixer and LO Buffer Amplifier
XR1020-QH MA-COM-XR1020-QH Datasheet
795Kb / 7P
Integrated LNA, Mixer and LO Buffer Amplifier
logo
Qorvo, Inc
TGA2567-SM QORVO-TGA2567-SM Datasheet
756Kb / 11P
2 ??20 GHz LNA Amplifier
October 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com