Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4805 Datasheet (PDF) - Micro Linear Corporation

ML4805 Datasheet PDF - Micro Linear Corporation
Part # ML4805
Download  ML4805 Download
File Size   152.35 Kbytes
Page   13 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Variable Feedforward PFC/PWM Controller Combo

ML4805 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML4805 Datasheet PDF - Micro Linear Corporation

Part # ML4805
Download  ML4805 Click to download

File Size   152.35 Kbytes
Page   13 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Variable Feedforward PFC/PWM Controller Combo

ML4805 Datasheet (HTML) - Micro Linear Corporation


ML4805 Product details

GENERAL DESCRIPTION
The ML4805 is a controller for power factor corrected, switched mode power supplies. Similar to the ML4801, the ML4805 may be used for voltage mode operation. Key features of this combined PFC and PWM controller are low start-up and operating currents. Power Factor Correction (PFC) allows the use of smaller, lower cost bulk capacitors, reduces power line loading and stress on the switching FETs, and results in a power supply that fully complies with IEC1000-2-3 specifications. The ML4805 includes circuits for the implementation of a leading edge, average current “boost” type power factor correction and a trailing edge pulse width modulator.
The PFC frequency of the ML4805 is automatically set at half that of the PWM frequency generated by the internal oscillator. This technique allows the user to design with smaller output components while maintaining the optimum operating frequency for the PFC. An over voltage comparator shuts down the PFC section in the event of a sudden decrease in load. The PFC section also includes peak current limiting and input voltage brownout protection.

FEATURES
■ Internally synchronized PFC and PWM in one IC
■ Low start-up current (200µA typ.)
■ Low operating current (5.5mA typ.)
■ Low total harmonic distortion
■ Reduces ripple current in the storage capacitor
   between the PFC and PWM sections
■ Average current continuous boost leading edge PFC
■ High efficiency trailing edge PWM optimized for voltage mode operation
■ Current fed gain modulator for improved noise immunity
■ Brown-out control, overvoltage protection, UVLO, and soft start




Similar Part No. - ML4805

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4805 FAIRCHILD-ML4805 Datasheet
125Kb / 13P
Variable Feedforward PFC/PWM Controller Combo
ML4805CP FAIRCHILD-ML4805CP Datasheet
125Kb / 13P
Variable Feedforward PFC/PWM Controller Combo
ML4805CS FAIRCHILD-ML4805CS Datasheet
125Kb / 13P
Variable Feedforward PFC/PWM Controller Combo
ML4805IP FAIRCHILD-ML4805IP Datasheet
125Kb / 13P
Variable Feedforward PFC/PWM Controller Combo
ML4805IS FAIRCHILD-ML4805IS Datasheet
125Kb / 13P
Variable Feedforward PFC/PWM Controller Combo
More results


Similar Description - ML4805

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4801 FAIRCHILD-ML4801 Datasheet
160Kb / 14P
Variable Feedforward PFC/PWM Controller Combo
ML4802 FAIRCHILD-ML4802 Datasheet
285Kb / 15P
PFC/PWM Controller Combo with Green Mode
ML4805 FAIRCHILD-ML4805 Datasheet
125Kb / 13P
Variable Feedforward PFC/PWM Controller Combo
ML4841 FAIRCHILD-ML4841 Datasheet
129Kb / 15P
Variable Feedforward PFC/PWM Controller Combo
logo
Micro Linear Corporatio...
ML4801 MICRO-LINEAR-ML4801 Datasheet
248Kb / 14P
Variable Feedforward PFC/PWM Controller Combo
ML4841 MICRO-LINEAR-ML4841 Datasheet
282Kb / 15P
Variable Feedforward PFC/PWM Controller Combo
logo
Champion Microelectroni...
CM6903 CHAMP-CM6903 Datasheet
257Kb / 14P
Low Pin Count PFC/PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803CP1 FAIRCHILD-FAN4803CP1 Datasheet
109Kb / 12P
8-Pin PFC and PWM Controller Combo
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
8-Pin PFC and PWM Controller Combo
logo
Champion Microelectroni...
CM6800T CHAMP-CM6800T Datasheet
852Kb / 27P
EPA/85 PFCPWM COMBO CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com