Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4812 Datasheet (PDF) - Micro Linear Corporation

ML4812 Datasheet PDF - Micro Linear Corporation
Part # ML4812
Download  ML4812 Download
File Size   215.75 Kbytes
Page   16 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Power Factor Controller

ML4812 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML4812 Datasheet PDF - Micro Linear Corporation

Part # ML4812
Download  ML4812 Click to download

File Size   215.75 Kbytes
Page   16 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Power Factor Controller

ML4812 Datasheet (HTML) - Micro Linear Corporation


ML4812 Product details

GENERAL DESCRIPTION
The ML4812 is designed to optimally facilitate a peak current control boost type power factor correction system. Special care has been taken in the design of the ML4812 to increase system noise immunity. The circuit includes a precision reference, gain modulator, error amplifier, over voltage protection, ramp compensation, as well as a high current output. In addition, start-up is simplified by an under-voltage lockout circuit with 6V hysteresis.
In a typical application, the ML4812 functions as a current mode regulator. The current which is necessary to terminate the cycle is a product of the sinusoidal line voltage times the output of the error amplifier which is regulating the output DC voltage. Ramp compensation is programmable with an external resistor, to provide stable operation when the duty cycle exceeds 50%.

FEATURES
■ Precision buffered 5V reference (±0.5%)
■ Current-input gain modulator reduces external
   components and improves noise immunity
■ Programmable ramp compensation circuit
■ 1A peak current totem-pole output drive
■ Overvoltage comparator helps prevent output
   voltage “runaway”
■ Wide common mode range in current sense
   comparators for better noise immunity
■ Large oscillator amplitude for better noise immunity




Similar Part No. - ML4812

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4812 FAIRCHILD-ML4812 Datasheet
348Kb / 16P
Power Factor Controller
ML4812CP FAIRCHILD-ML4812CP Datasheet
348Kb / 16P
Power Factor Controller
ML4812CQ FAIRCHILD-ML4812CQ Datasheet
348Kb / 16P
Power Factor Controller
ML4812IP FAIRCHILD-ML4812IP Datasheet
348Kb / 16P
Power Factor Controller
ML4812IQ FAIRCHILD-ML4812IQ Datasheet
348Kb / 16P
Power Factor Controller
More results


Similar Description - ML4812

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2375 NJRC-NJM2375 Datasheet
335Kb / 9P
POWER FACTOR CONTROLLER
logo
Unisonic Technologies
UTCKA7524 UTC-UTCKA7524 Datasheet
66Kb / 4P
POWER FACTOR CONTROLLER
logo
List of Unclassifed Man...
SG3561A ETC-SG3561A Datasheet
1Mb / 19P
POWER FACTOR CONTROLLER
logo
ON Semiconductor
MC33232 ONSEMI-MC33232_07 Datasheet
213Kb / 15P
Power Factor Controller
January, 2007 ??Rev. 2
NCP1650 ONSEMI-NCP1650_05 Datasheet
233Kb / 31P
Power Factor Controller
October, 2005 ??Rev. 10
logo
Fairchild Semiconductor
SG6961 FAIRCHILD-SG6961 Datasheet
576Kb / 14P
Power Factor Controller
logo
Unisonic Technologies
7524-D08-T UTC-7524-D08-T Datasheet
117Kb / 5P
POWER FACTOR CONTROLLER
UA7524 UTC-UA7524 Datasheet
204Kb / 5P
POWER FACTOR CONTROLLER
logo
Linear Technology
LT1249 LINER-LT1249_15 Datasheet
203Kb / 12P
Power Factor Controller
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_15 Datasheet
230Kb / 31P
Power Factor Controller
March, 2015 ??Rev. 13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com