Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6415 Datasheet (PDF) - Micro Linear Corporation

ML6415 Datasheet PDF - Micro Linear Corporation
Part # ML6415
Download  ML6415 Download
File Size   294.95 Kbytes
Page   9 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description ML6415 S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation

ML6415 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML6415 Datasheet PDF - Micro Linear Corporation

Part # ML6415
Download  ML6415 Click to download

File Size   294.95 Kbytes
Page   9 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description ML6415 S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation

ML6415 Datasheet (HTML) - Micro Linear Corporation


ML6415 Product details

GENERAL DESCRIPTION
The ML6415 is a dual Y/C 4th-order Butterworth lowpass video filter optimized for minimum overshoot and flat group delay. The device also contains a summing circuit to generate filtered composite video, an audio trap and group delay compensation circuit to notch-out audio, providing an area for the addition of the FM audio carrier(s) and mimic the group delay distortion introduced at the transmitter. The group delay predistortion compensates for the nominal TV receiver IF filter distortion.

FEATURES
■ 7.1MHz Y and C filters, with CV out
■ 14dB notch at 4.5MHz for sound trap
■ 42dB stopband attenuation at 27MHz on Y, C, and CV
■ Better than 1dB flatness to 4.5 MHz on Y, C, and CV
■ RF Modulator output differential group delay between 3.0MHz and 3.58MHz is typically -170ns.
■ No external frequency select components or clocks
■ 9ns group delay flatness on Y, C, and CV output
■ 5% overshoot on Y, C, and CV output edges
■ AC coupled inputs and outputs
■ 0.4% differential gain on Y, C and CV channels, 0.4º differential phase on Y, C and CV channels
■ 0.8% total harmonic distortion on all channels
■ DC restore with low tilt

APPLICATIONS
■ Cable Set-top Boxes
■ Satellite Set-top Boxes
■ DVD Players




Similar Part No. - ML6415

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML6415 FAIRCHILD-ML6415 Datasheet
77Kb / 7P
S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
ML6415CS FAIRCHILD-ML6415CS Datasheet
77Kb / 7P
S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
More results


Similar Description - ML6415

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TDA5940-2 SIEMENS-TDA5940-2 Datasheet
242Kb / 9P
Video and Sound IF with V & S SCART
logo
Fairchild Semiconductor
ML6415 FAIRCHILD-ML6415 Datasheet
77Kb / 7P
S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
ML6416 FAIRCHILD-ML6416 Datasheet
318Kb / 7P
S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
ML6428 FAIRCHILD-ML6428 Datasheet
161Kb / 10P
S-Video Filter and 75 ??Line Drivers with Summed Composite Output
logo
Micro Linear Corporatio...
ML6428 MICRO-LINEAR-ML6428 Datasheet
240Kb / 11P
S-Video Filter and 75廓 Line Drivers with Summed Composite Output
logo
Fairchild Semiconductor
FMS6406 FAIRCHILD-FMS6406 Datasheet
26Kb / 1P
Precision S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
FMS6406 FAIRCHILD-FMS6406_06 Datasheet
650Kb / 12P
Precision S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
FMS6404 FAIRCHILD-FMS6404 Datasheet
667Kb / 9P
Precision Composite Video Output with Sound Trap and Group Delay Compensation
logo
ON Semiconductor
FMS6404 ONSEMI-FMS6404 Datasheet
789Kb / 11P
Precision Composite Video Output with Sound Trap and Group Delay Compensation
Rev. 1.0.0
FMS6406 ONSEMI-FMS6406 Datasheet
706Kb / 14P
Precision S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
Rev. 4.0.4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com