Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6554 Datasheet (PDF) - Micro Linear Corporation

ML6554 Datasheet PDF - Micro Linear Corporation
Part # ML6554
Download  ML6554 Download
File Size   168.38 Kbytes
Page   14 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description 3A Bus Termination Regulator

ML6554 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML6554 Datasheet PDF - Micro Linear Corporation

Part # ML6554
Download  ML6554 Click to download

File Size   168.38 Kbytes
Page   14 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description 3A Bus Termination Regulator

ML6554 Datasheet (HTML) - Micro Linear Corporation


ML6554 Product details

GENERAL DESCRIPTION
The ML6554 switching regulator is designed to convert voltage supplies ranging from 2.3V to 4V into a desired output voltage or termination voltage for various applications. The ML6554 can be implemented to produce regulated output voltages in two different modes. In the default mode, when the VREF pin is open, the ML6554 output voltage is 50% of the voltage applied to VCCQ. The ML6554 can also be used to produce various user-defined voltages by forcing a voltage on the VREFIN pin. In this case, the output voltage follows the input VREFIN voltage. The switching regulator is capable of sourcing or sinking up to 3A of current while regulating an output VTT voltage to within 3% or less.

FEATURES
■ Power SOP package
■ Can source and sink up to 3A, no heat sink required
■ Integrated Power MOSFETs
■ Generates termination voltages for SSTL-2 SDRAM, SGRAM, or equivalent memories
■ Generates termination voltages for active termination schemes for GTL+, Rambus, VME, LV-TTL, PECL and other high speed logic
■ VREF input available for external voltage divider
■ Separate voltages for VCCQ and PVDD
■ Buffered VREF output
■ VOUT of ±3% or less at 3A
■ Minimum external components
■ Shutdown for standby or suspend mode operation
■ Thermal Shutdown = 130ºC




Similar Part No. - ML6554

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML6554 FAIRCHILD-ML6554 Datasheet
386Kb / 14P
3A Bus Termination Regulator
logo
Micro Linear Corporatio...
ML65541 MICRO-LINEAR-ML65541 Datasheet
206Kb / 8P
High Speed Octal Buffer/Line Drivers
ML65541CK MICRO-LINEAR-ML65541CK Datasheet
206Kb / 8P
High Speed Octal Buffer/Line Drivers
ML65541CS MICRO-LINEAR-ML65541CS Datasheet
206Kb / 8P
High Speed Octal Buffer/Line Drivers
logo
Fairchild Semiconductor
ML6554CU FAIRCHILD-ML6554CU Datasheet
386Kb / 14P
3A Bus Termination Regulator
More results


Similar Description - ML6554

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML6554 FAIRCHILD-ML6554 Datasheet
386Kb / 14P
3A Bus Termination Regulator
logo
List of Unclassifed Man...
HPL5331 ETC1-HPL5331 Datasheet
260Kb / 20P
3A Bus Termination Regulator
logo
Unisonic Technologies
UR5516 UTC-UR5516 Datasheet
139Kb / 9P
3A BUS TERMINATION REGULATOR
UR5516B UTC-UR5516B Datasheet
220Kb / 9P
3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C Datasheet
208Kb / 9P
3A BUS TERMINATION REGULATOR
logo
Anpec Electronics Corop...
APL5331 ANPEC-APL5331_08 Datasheet
714Kb / 23P
3A Bus Termination Regulator
APL5333 ANPEC-APL5333 Datasheet
443Kb / 16P
3A Bus Termination Regulator
logo
Unisonic Technologies
UR5516 UTC-UR5516_15 Datasheet
245Kb / 9P
3A BUS TERMINATION REGULATOR
UR5516A UTC-UR5516A_16 Datasheet
227Kb / 8P
3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C_15 Datasheet
236Kb / 8P
3A BUS TERMINATION REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com