Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6674 Datasheet (PDF) - Micro Linear Corporation

ML6674 Datasheet PDF - Micro Linear Corporation
Part # ML6674
Download  ML6674 Download
File Size   166.34 Kbytes
Page   8 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description ATM 155Mbps UTP Transceiver

ML6674 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML6674 Datasheet PDF - Micro Linear Corporation

Part # ML6674
Download  ML6674 Click to download

File Size   166.34 Kbytes
Page   8 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description ATM 155Mbps UTP Transceiver

ML6674 Datasheet (HTML) - Micro Linear Corporation


ML6674 Product details

GENERAL DESCRIPTION
The ML6674 is a complete monolithic transceiver for 155Mbps NRZ encoded data transmission over category 5 unshielded twisted pair (UTP) and shielded twisted pair (STP) cables. The ML6674 is compliant with the ATM 155Mbps Twisted Pair Specification. The ML6674 includes the baseline restoration function and adaptive equalization which will accurately compensate for line losses exceeding 100m of UTP.

FEATURES
■ Complies with ATM Forum 155Mbps twisted pair specification
■ Integrated baseline wander correction circuit
■ Integrated adaptive equalization
■ Transmitter can be externally turned off (high impedence) for true quiet line
■ Operates over 100 meters of STP or category 5 UTP Twisted Pair Cable
■ 32-pin PLCC and TQFP




Similar Part No. - ML6674

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6672 MICRO-LINEAR-ML6672 Datasheet
248Kb / 8P
ATM UTP Transceiver
ML6672CH MICRO-LINEAR-ML6672CH Datasheet
248Kb / 8P
ATM UTP Transceiver
ML6672CQ MICRO-LINEAR-ML6672CQ Datasheet
248Kb / 8P
ATM UTP Transceiver
ML6673 MICRO-LINEAR-ML6673 Datasheet
183Kb / 8P
Fast Ethernet/FDDI TP-PMD Transceiver
ML6673CH MICRO-LINEAR-ML6673CH Datasheet
183Kb / 8P
Fast Ethernet/FDDI TP-PMD Transceiver
More results


Similar Description - ML6674

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6672 MICRO-LINEAR-ML6672 Datasheet
248Kb / 8P
ATM UTP Transceiver
logo
List of Unclassifed Man...
ATR-S0105 ETC1-ATR-S0105 Datasheet
185Kb / 5P
155Mbps Single Mode SFP Transceiver (80km)
logo
Delta Electronics, Inc.
LC-155B DELTA-LC-155B Datasheet
187Kb / 6P
155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
LC-155B2J1RA DELTA-LC-155B2J1RA Datasheet
169Kb / 8P
155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
OPT-155B1J1RA DELTA-OPT-155B1J1RA Datasheet
113Kb / 7P
155Mbps 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
Maxim Integrated Produc...
MAX3963 MAXIM-MAX3963 Datasheet
650Kb / 6P
155Mbps Preamplifier for FDDI and ATM LAN Fiber Optic Receivers
Rev 1; 4/98
logo
Source Photonics, Inc.
FTM-6101C-SL13051G SOURCE-FTM-6101C-SL13051G Datasheet
329Kb / 11P
155Mbps Spring-latch SFP Transceiver
FTM-8001C-SLG SOURCE-FTM-8001C-SLG Datasheet
251Kb / 9P
155Mbps 850nm Spring-Latch SFP Transceiver
logo
PCA ELECTRONICS INC.
EPA2864 PCA-EPA2864 Datasheet
34Kb / 2P
25 Mbps ATM Transmit and Receive, UTP Interface
logo
Teridian Semiconductor ...
STM1E-SFPXX TERIDIAN-STM1E-SFPXX Datasheet
430Kb / 16P
155Mbps Copper Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com