Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT28F002B5 Datasheet (PDF) - Micron Technology

MT28F002B5 Datasheet PDF - Micron Technology
Part # MT28F002B5
Download  MT28F002B5 Download
File Size   575.75 Kbytes
Page   31 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description FLASH MEMORY

MT28F002B5 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT28F002B5 Datasheet PDF - Micron Technology

Part # MT28F002B5
Download  MT28F002B5 Click to download

File Size   575.75 Kbytes
Page   31 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description FLASH MEMORY

MT28F002B5 Datasheet (HTML) - Micron Technology


MT28F002B5 Product details

GENERAL DESCRIPTION
The MT28F002B5 (x8) and MT28F200B5 (x16/x8) are nonvolatile, electrically block-erasable (flash), programmable, read-only memories containing 2,097,152 bits organized as 262,144 bytes (8 bits) or 131,072 words (16 bits). Writing or erasing the device is done with a 5V VPP voltage, while all operations are performed with a 5V VCC. Due to process technology advances, 5V VPP is optimal for application and production programming. For backward compatibility with SmartVoltage technology, 12V VPP is supported for a maximum of 100 cycles and may be connected for up to 100 cumulative hours. These devices are fabricated with Micron’s advanced CMOS floating-gate process.

FEATURES
• Five erase blocks:
    16KB/8K-word boot block (protected)
    Two 8KB/4K-word parameter blocks
    Two main memory blocks
• Smart 5 technology (B5):
    5V ±10% VCC
    5V ±10% VPP application/production programming
    12V ±5% VPP compatibility production programming
• Address access times: 60ns, 80ns
• 100,000 ERASE cycles
• Industry-standard pinouts
• Inputs and outputs are fully TTL-compatible
• Automated write and erase algorithm
• Two-cycle WRITE/ERASE sequence
• Byte- or word-wide READ and WRITE (MT28F200B5, 128K x 16/256K x 8)
• Byte-wide READ and WRITE only (MT28F002B5, 256K x 8)
• TSOP and SOP packaging options




Similar Part No. - MT28F002B5

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28F002B3 MICRON-MT28F002B3 Datasheet
558Kb / 31P
FLASH MEMORY
More results


Similar Description - MT28F002B5

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
FLASH MEMORY
KM29V32000T SAMSUNG-KM29V32000T Datasheet
1Mb / 26P
FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
FLASH MEMORY
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
FLASH MEMORY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com