Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT28F128J3 Datasheet (PDF) - Micron Technology

MT28F128J3 Datasheet PDF - Micron Technology
Part # MT28F128J3
Download  MT28F128J3 Download
File Size   548.36 Kbytes
Page   52 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description Q-FLASHTM MEMORY

MT28F128J3 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT28F128J3 Datasheet PDF - Micron Technology

Part # MT28F128J3
Download  MT28F128J3 Click to download

File Size   548.36 Kbytes
Page   52 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description Q-FLASHTM MEMORY

MT28F128J3 Datasheet (HTML) - Micron Technology


MT28F128J3 Product details

GENERAL DESCRIPTION
The MT28F128J3 is a nonvolatile, electrically block erasable (Flash), programmable memory containing 134,217,728 bits organized as 16,777,218 bytes (8 bits) or 8,388,608 words (16 bits). This 128Mb device is organized as one hundred twenty-eight 128KB erase blocks. The MT28F640J3 contains 67,108,864 bits organized as 8,388,608 bytes (8 bits) or 4,194,304 words (16 bits). This 64Mb device is organized as sixty-four 128KB erase blocks.
Similarly, the MT28F320J3 contains 33,554,432 bits organized as 4,194,304 bytes (8 bits) or 2,097,152 words (16 bits). This 32Mb device is organized as thirty-two 128KB erase blocks.
These three devices feature in-system block locking. They also have common flash interface (CFI) that permits software algorithms to be used for entire families of devices. The software is device-independent, JEDEC ID-independent with forward and backward compatibility.

FEATURES
• x8/x16 organization
• One hundred twenty-eight 128KB erase blocks (128Mb)
   Sixty-four 128KB erase blocks (64Mb)
   Thirty-two 128KB erase blocks (32Mb)
• VCC, VCCQ, and VPEN voltages:
   2.7V to 3.6V VCC operation
   2.7V to 3.6V or 4.5V to 5.5V* VCCQ operation
   2.7V to 3.6V, or 5V VPEN application programming
• Interface Asynchronous Page Mode Reads:
   150ns/25ns read access time (128Mb)
   120ns/25ns read access time (64Mb)
   110ns/25ns read access time (32Mb)
• Enhanced data protection feature with VPEN = VSS Flexible sector locking Sector erase/program lockout during power transition
• Security OTP block feature Permanent block locking (Contact factory for availability)
• Industry-standard pinout
• Inputs and outputs are fully TTL-compatible
• Common Flash Interface (CFI) and Scalable Command Set
• Automatic write and erase algorithm
• 4.7µs-per-byte effective programming time using write buffer
• 128-bit protection register
   64-bit unique device identifier
   64-bit user-programmable OTP cells
• 100,000 ERASE cycles per block
• Automatic suspend options:
   Block Erase Suspend-to-Read
   Block Erase Suspend-to-Program
   Program Suspend-to-Read




Similar Part No. - MT28F128J3

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28F1284W18 MICRON-MT28F1284W18 Datasheet
785Kb / 66P
1.8V Low Voltage, Extended Temperature
More results


Similar Description - MT28F128J3

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB85R256 FUJITSU-MB85R256 Datasheet
153Kb / 12P
Memory FRAM(Ferroelectric Random Access Memory)
logo
Macronix International
MX25L6402 MCNIX-MX25L6402 Datasheet
312Kb / 24P
64M-BIT [x 1] CMOS SERIAL eLite FlashTM MEMORY
MX25L6402A MCNIX-MX25L6402A Datasheet
457Kb / 30P
64M-BIT [x 1] CMOS SERIAL eLite FlashTM MEMORY
logo
ITT Industries
CCM05-5774T60 ITT-CCM05-5774T60 Datasheet
159Kb / 3P
Memory Stick & Memory Stick Duo
logo
Holtek Semiconductor In...
HT83XXX HOLTEK-HT83XXX_07 Datasheet
269Kb / 39P
Q-Voice
May 17, 2007
logo
ebm-papst
M4Q045-BD03-04 EBMPAPST-M4Q045-BD03-04 Datasheet
1Mb / 5P
Q-MOTORS
logo
Holtek Semiconductor In...
HT83004 HOLTEK-HT83004 Datasheet
263Kb / 40P
Q-VoiceTM
logo
PHOENIX CONTACT
2902828 PHOENIX-2902828 Datasheet
50Kb / 1P
Configuration memory - RAD-MEMORY
1105142 PHOENIX-1105142 Datasheet
50Kb / 2P
Configuration memory - PSR-M-MEMORY
logo
NXP Semiconductors
MWCT101XSF NXP-MWCT101XSF Datasheet
1Mb / 65P
Memory and memory interfaces
Rev. 3, 12/2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com