Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT28S4M16B1LL Datasheet (PDF) - Micron Technology

MT28S4M16B1LL Datasheet PDF - Micron Technology
Part # MT28S4M16B1LL
Download  MT28S4M16B1LL Download
File Size   1257.59 Kbytes
Page   58 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description SYNCFLASH MEMORY

MT28S4M16B1LL Datasheet (PDF)

Go To PDF Page Download Datasheet
MT28S4M16B1LL Datasheet PDF - Micron Technology

Part # MT28S4M16B1LL
Download  MT28S4M16B1LL Click to download

File Size   1257.59 Kbytes
Page   58 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description SYNCFLASH MEMORY

MT28S4M16B1LL Datasheet (HTML) - Micron Technology


MT28S4M16B1LL Product details

GENERAL DESCRIPTION
This 64Mb SyncFlash® data sheet is divided into two major sections. The SDRAM Interface Functional Description details compatibility with the SDRAM memory, and the Flash Memory Functional Description specifies the symmetrical-sectored Flash architecture and functional commands.

FEATURES
• 125 MHz SDRAM-compatible read timing
• Fully synchronous; all signals registered on
   positive edge of system clock
• Internal pipelined operation; column address can
   be changed every clock cycle
• Internal banks for hiding row access
• Programmable burst lengths:
   1, 2 , 4, 8, or full page (read)
   1, 2, 4, or 8 (write)
• LVTTL-compatible inputs and outputs
• 3.0V–3.6V VCC, 1.65V–1.95V VCCQ
   Additional VHH hardware protect mode (RP#)
• Supports CAS latency of 1, 2, and 3
• Four-bank architecture supports true concurrent
   operation with zero latency
      Read any bank while programming or erasing
      any other bank
• Deep power-down mode: 50µA (MAX)
• Cross-compatible Flash memory command set
• Operating temperature range of -40oC to +85oC




Similar Part No. - MT28S4M16B1LL

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28S4M16B1LC MICRON-MT28S4M16B1LC Datasheet
1Mb / 60P
SYNCFLASH MEMORY
More results


Similar Description - MT28S4M16B1LL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69R818A MOTOROLA-MCM69R818A Datasheet
57Kb / 7P
Memory Products
logo
Micron Technology
MT28S4M16B1LC MICRON-MT28S4M16B1LC Datasheet
1Mb / 60P
SYNCFLASH MEMORY
MT28S4M16LC MICRON-MT28S4M16LC Datasheet
993Kb / 48P
SYNCFLASH MEMORY
logo
fujitsu semiconductor
MB85R256 FUJITSU-MB85R256 Datasheet
153Kb / 12P
Memory FRAM(Ferroelectric Random Access Memory)
logo
ITT Industries
CCM05-5774T60 ITT-CCM05-5774T60 Datasheet
159Kb / 3P
Memory Stick & Memory Stick Duo
logo
List of Unclassifed Man...
KVR8X72V84-50EG ETC1-KVR8X72V84-50EG Datasheet
48Kb / 1P
Memory Module Specification (EDO Memory Module)
logo
Rohm
BR34E02FVT-3 ROHM-BR34E02FVT-3 Datasheet
403Kb / 20P
Memory for Plug & Play DDR2/DDR3 SPD Memory (for Memory Modules)
logo
PHOENIX CONTACT
2902828 PHOENIX-2902828 Datasheet
50Kb / 1P
Configuration memory - RAD-MEMORY
1105142 PHOENIX-1105142 Datasheet
50Kb / 2P
Configuration memory - PSR-M-MEMORY
logo
NXP Semiconductors
MWCT101XSF NXP-MWCT101XSF Datasheet
1Mb / 65P
Memory and memory interfaces
Rev. 3, 12/2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com