Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT46V64M4 Datasheet (PDF) - Micron Technology

MT46V64M4 Datasheet PDF - Micron Technology
Part # MT46V64M4
Download  MT46V64M4 Download
File Size   152.46 Kbytes
Page   8 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description DOUBLE DATA RATE DDR SDRAM

MT46V64M4 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT46V64M4 Datasheet PDF - Micron Technology

Part # MT46V64M4
Download  MT46V64M4 Click to download

File Size   152.46 Kbytes
Page   8 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description DOUBLE DATA RATE DDR SDRAM

MT46V64M4 Datasheet (HTML) - Micron Technology


MT46V64M4 Product details

GENERAL DESCRIPTION

The DDR333 SDRAM is a high-speed CMOS, dy namic random-access memory that operates at a frequency of 167 MHz (tCK=6ns) with a peak data transfer rate of 333Mb/s/p. DDR333 continues to use the JEDEC standard SSTL_2 interface and the 2n-prefetch architecture.



FEATURES

• 167 MHz Clock, 333 Mb/s/p data rate

•VDD= +2.5V ±0.2V, VDDQ = +2.5V ±0.2V

• Bidirectional data strobe (DQS) transmitted/ received with data, i.e., source-synchronous data capture (x16 has two - one per byte)

• Internal, pipelined double-data-rate (DDR) architecture; two data accesses per clock cycle

• Differential clock inputs (CK and CK#)

• Commands entered on each positive CK edge

• DQS edge-aligned with data for READs; center aligned with data for WRITEs

• DLL to align DQ and DQS transitions with CK

• Four internal banks for concurrent operation

• Data mask (DM) for masking write data (x16 has two - one per byte)

• Programmable burst lengths: 2, 4, or 8

• Concurrent Auto Precharge option supported

• Auto Refresh and Self Refresh Modes

• FBGA package available

• 2.5V I/O (SSTL_2 compatible)

• tRAS lockout (tRAP =tRCD)

• Backwards compatible with DDR200 and DDR266




Similar Part No. - MT46V64M4

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT46V64M4 MICRON-MT46V64M4 Datasheet
3Mb / 93P
Double Data Rate (DDR) SDRAM
MT46V64M4 MICRON-MT46V64M4 Datasheet
4Mb / 91P
256Mb: x4, x8, x16 DDR SDRAM Features
MT46V64M4 MICRON-MT46V64M4_1 Datasheet
3Mb / 93P
Double Data Rate (DDR) SDRAM
More results


Similar Description - MT46V64M4

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT46V128M4 MICRON-MT46V128M4 Datasheet
2Mb / 68P
DOUBLE DATA RATE DDR SDRAM
MT46V16M8 MICRON-MT46V16M8 Datasheet
166Kb / 9P
DOUBLE DATA RATE DDR SDRAM
MT46V2M32V1 MICRON-MT46V2M32V1 Datasheet
2Mb / 65P
DOUBLE DATA RATE DDR SDRAM
MT46V32M4-1 MICRON-MT46V32M4-1 Datasheet
2Mb / 68P
DOUBLE DATA RATE DDR SDRAM
MT46V4M32 MICRON-MT46V4M32 Datasheet
1Mb / 66P
DOUBLE DATA RATE DDR SDRAM
MT46V256M4 MICRON-MT46V256M4 Datasheet
2Mb / 74P
DOUBLE DATA RATE (DDR) SDRAM
logo
List of Unclassifed Man...
SAA32M4 ETC1-SAA32M4 Datasheet
256Kb / 13P
DOUBLE DATA RATE (DDR) SDRAM
logo
Micron Technology
MT46V64M4 MICRON-MT46V64M4_1 Datasheet
3Mb / 93P
Double Data Rate (DDR) SDRAM
MT46V32M8P-5BK MICRON-MT46V32M8P-5BK Datasheet
4Mb / 91P
Double Data Rate (DDR) SDRAM
logo
Alliance Semiconductor ...
MT46V32M16CV-5B ALSC-MT46V32M16CV-5B Datasheet
1Mb / 93P
Double Data Rate (DDR) SDRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com