Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT48LC4M16A2 Datasheet (PDF) - Micron Technology

MT48LC4M16A2 Datasheet PDF - Micron Technology
Part # MT48LC4M16A2
Download  MT48LC4M16A2 Download
File Size   1458.85 Kbytes
Page   55 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description SYNCHRONOUS DRAM

MT48LC4M16A2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT48LC4M16A2 Datasheet PDF - Micron Technology

Part # MT48LC4M16A2
Download  MT48LC4M16A2 Click to download

File Size   1458.85 Kbytes
Page   55 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description SYNCHRONOUS DRAM

MT48LC4M16A2 Datasheet (HTML) - Micron Technology


MT48LC4M16A2 Product details

SYNCHRONOUS DRAM



MT48LC16M4A2  – 4 Meg x 4 x 4 banks

MT48LC8M8A2  – 2 Meg x 8 x 4 banks

MT48LC4M16A2  – 1 Meg x 16 x 4 banks



FEATURES

• PC66-, PC100-, and PC133-compliant

• Fully synchronous; all signals registered on positive edge of system clock

• Internal pipelined operation; column address can be changed every clock cycle

• Internal banks for hiding row access/precharge

• Programmable burst lengths: 1, 2, 4, 8, or full page

• Auto Precharge, includes CONCURRENT AUTO PRECHARGE, and Auto Refresh Modes

• Self Refresh Modes: standard and low power

• 64ms, 4,096-cycle refresh

• LVTTL-compatible inputs and outputs

• Single +3.3V ±0.3V power supply




Similar Part No. - MT48LC4M16A2

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC4M16A2 MICRON-MT48LC4M16A2 Datasheet
2Mb / 55P
SYNCHRONOUS DRAM
MT48LC4M16A2B4-6AITJ MICRON-MT48LC4M16A2B4-6AITJ Datasheet
3Mb / 83P
SDR SDRAM
MT48LC4M16A2B4-75 MICRON-MT48LC4M16A2B4-75 Datasheet
3Mb / 83P
SDR SDRAM
MT48LC4M16A2P-6A MICRON-MT48LC4M16A2P-6A Datasheet
3Mb / 83P
64Mb: x4, x8, x16 SDRAM
MT48LC4M16A2P-75G MICRON-MT48LC4M16A2P-75G Datasheet
3Mb / 83P
SDR SDRAM MT48LC16M4A2 ??4 Meg x 4 x 4 Banks MT48LC8M8A2 ??2 Meg x 8 x 4 Banks MT48LC4M16A2 ??1 Meg x 16 x 4 Banks
More results


Similar Description - MT48LC4M16A2

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC1M16A1 MICRON-MT48LC1M16A1 Datasheet
1Mb / 51P
SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
SYNCHRONOUS DRAM
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
Synchronous DRAM
EM484M1644VTC EOREX-EM484M1644VTC_15 Datasheet
199Kb / 17P
Synchronous DRAM
EM484M1644VTD EOREX-EM484M1644VTD_15 Datasheet
1Mb / 18P
Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
Synchronous DRAM
EM488M3244VBD EOREX-EM488M3244VBD_15 Datasheet
1Mb / 18P
Synchronous DRAM
logo
Alliance Semiconductor ...
AS4C4M16SA ALSC-AS4C4M16SA Datasheet
1Mb / 54P
Synchronous DRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com