Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT48LC2M32B2 Datasheet (PDF) - Micron Technology

MT48LC2M32B2 Datasheet PDF - Micron Technology
Part # MT48LC2M32B2
Download  MT48LC2M32B2 Download
File Size   1818.26 Kbytes
Page   53 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description SYNCHRONOUS DRAM

MT48LC2M32B2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT48LC2M32B2 Datasheet PDF - Micron Technology

Part # MT48LC2M32B2
Download  MT48LC2M32B2 Click to download

File Size   1818.26 Kbytes
Page   53 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description SYNCHRONOUS DRAM

MT48LC2M32B2 Datasheet (HTML) - Micron Technology


MT48LC2M32B2 Product details

GENERAL DESCRIPTION
The 64Mb SDRAM is a high-speed CMOS, dynamic random-access memory containing 67,108,864-bits. It is internally configured as a quad-bank DRAM with a synchronous interface (all signals are registered on the positive edge of the clock signal, CLK). Each of the 16,777,216-bit banks is organized as 2,048 rows by 256 columns by 32 bits.
Read and write accesses to the SDRAM are burst oriented; accesses start at a selected location and continue for a programmed number of locations in a programmed sequence. Accesses begin with the registration of an ACTIVE command, which is then followed by a READ or WRITE command. The address bits registered coincident with the ACTIVE command are used to select the bank and row to be accessed (BA0, BA1 select the bank, A0-A10 select the row). The address bits registered coincident with the READ or WRITE command are used to select the starting column location for the burst access.

FEATURES
• PC100 functionality
• Fully synchronous; all signals registered on positive edge of system clock
• Internal pipelined operation; column address can be changed every clock cycle
• Internal banks for hiding row access/precharge
• Programmable burst lengths: 1, 2, 4, 8, or full page
• Auto Precharge, includes CONCURRENT AUTO PRECHARGE, and Auto Refresh Modes
• Self Refresh Mode
• 64ms, 4,096-cycle refresh (15.6µs/row)
• LVTTL-compatible inputs and outputs
• Single +3.3V ±0.3V power supply
• Supports CAS latency of 1, 2, and 3




Similar Part No. - MT48LC2M32B2

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC2M32B2P-6A MICRON-MT48LC2M32B2P-6A Datasheet
3Mb / 80P
SDR SDRAM MT48LC2M32B2 ??512K x 32 x 4 Banks
MT48LC2M32B2TG MICRON-MT48LC2M32B2TG Datasheet
3Mb / 80P
SDR SDRAM MT48LC2M32B2 ??512K x 32 x 4 Banks
MT48LC2M32B2TG-7ITG MICRON-MT48LC2M32B2TG-7ITG Datasheet
3Mb / 80P
SDR SDRAM MT48LC2M32B2 ??512K x 32 x 4 Banks
More results


Similar Description - MT48LC2M32B2

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
SYNCHRONOUS DRAM
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
Synchronous DRAM
EM484M1644VTC EOREX-EM484M1644VTC_15 Datasheet
199Kb / 17P
Synchronous DRAM
EM484M1644VTD EOREX-EM484M1644VTD_15 Datasheet
1Mb / 18P
Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
Synchronous DRAM
EM488M3244VBD EOREX-EM488M3244VBD_15 Datasheet
1Mb / 18P
Synchronous DRAM
logo
Alliance Semiconductor ...
AS4C4M16SA ALSC-AS4C4M16SA Datasheet
1Mb / 54P
Synchronous DRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com