Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT48LC32M4A2 Datasheet (PDF) - Micron Technology

MT48LC32M4A2 Datasheet PDF - Micron Technology
Part # MT48LC32M4A2
Download  MT48LC32M4A2 Download
File Size   1844.31 Kbytes
Page   59 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description SYNCHRONOUS DRAM

MT48LC32M4A2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT48LC32M4A2 Datasheet PDF - Micron Technology

Part # MT48LC32M4A2
Download  MT48LC32M4A2 Click to download

File Size   1844.31 Kbytes
Page   59 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description SYNCHRONOUS DRAM

MT48LC32M4A2 Datasheet (HTML) - Micron Technology


MT48LC32M4A2 Product details

General Description
The 128Mb SDRAM is a high-speed CMOS, dynamic random-access memory containing 134,217,728 bits. It is internally configured as a quad-bank DRAM with a synchronous interface (all signals are registered on the positive edge of the clock signal, CLK). Each of the x4’s 33,554,432-bit banks is organized as 4096 rows by 2048 columns by 4 bits. Each of the x8’s 33,554,432-bit banks is organized as 4096 rows by 1024 columns by 8 bits. Each of the x16’s 33,554,432-bit banks is organized as 4096 rows by 512 columns by 16 bits.
Read and write accesses to the SDRAM are burst-oriented; accesses start at a selected location and continue for a programmed number of locations in a programmed sequence. Accesses begin with the registration of an ACTIVE command, which is then followed by a READ or WRITE command. The address bits registered coincident with the ACTIVE command are used to select the bank and row to be accessed (BA[1:0] select the bank; A[11:0] select the row). The address bits registered coincident with the READ or WRITE command are used to select the starting column location for the burst access.
The 128Mb SDRAM uses an internal pipelined architecture to achieve high-speed operation. This architecture is compatible with the 2n rule of prefetch architectures, but it also allows the column address to be changed on every clock cycle to achieve a high speed, fully random access. Precharging one bank while accessing one of the other three banks will hide the PRECHARGE cycles and provide seamless, high-speed, random-access operation.
The 128Mb SDRAM is designed to operate in 3.3V memory systems. An auto refresh mode is provided, along with a power-saving, power-down mode. All inputs and outputs are LVTTL-compatible.
The devices offer substantial advances in DRAM operating performance, including the ability to synchronously burst data at a high data rate with automatic column-address generation, the ability to interleave between internal banks to hide precharge time, and the capability to randomly change column addresses on each clock cycle during a burst access.

Features
• PC100- and PC133-compliant
• Fully synchronous; all signals registered on positive edge of system clock
• Internal, pipelined operation; column address can be changed every clock cycle
• Internal banks for hiding row access/precharge
• Programmable burst lengths (BL): 1, 2, 4, 8, or full page
• Auto precharge, includes concurrent auto precharge and auto refresh modes
• Auto refresh mode; standard and low power
   – 64ms, 4096-cycle (industrial)
   – 16ms, 4096-cycle refresh (automotive)
• LVTTL-compatible inputs and outputs
• Single 3.3V ±0.3V power supply
• AEC-Q100
• PPAP submission
• 8D response time




Similar Part No. - MT48LC32M4A2

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC32M4A2-1 MICRON-MT48LC32M4A2-1 Datasheet
4Mb / 55P
SYNCHRONOUS DRAM
MT48LC32M4A2TG MICRON-MT48LC32M4A2TG Datasheet
3Mb / 51P
SYNCHRONOUS DRAM
MT48LC32M4A2TG MICRON-MT48LC32M4A2TG Datasheet
4Mb / 55P
SYNCHRONOUS DRAM
More results


Similar Description - MT48LC32M4A2

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
SYNCHRONOUS DRAM
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
Synchronous DRAM
EM484M1644VTC EOREX-EM484M1644VTC_15 Datasheet
199Kb / 17P
Synchronous DRAM
EM484M1644VTD EOREX-EM484M1644VTD_15 Datasheet
1Mb / 18P
Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
Synchronous DRAM
EM488M3244VBD EOREX-EM488M3244VBD_15 Datasheet
1Mb / 18P
Synchronous DRAM
logo
Alliance Semiconductor ...
AS4C4M16SA ALSC-AS4C4M16SA Datasheet
1Mb / 54P
Synchronous DRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com