Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT58L1MY18D Datasheet (PDF) - Micron Technology

MT58L1MY18D Datasheet PDF - Micron Technology
Part # MT58L1MY18D
Download  MT58L1MY18D Download
File Size   526.57 Kbytes
Page   34 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description 16Mb SYNCBURST??SRAM

MT58L1MY18D Datasheet (PDF)

Go To PDF Page Download Datasheet
MT58L1MY18D Datasheet PDF - Micron Technology

Part # MT58L1MY18D
Download  MT58L1MY18D Click to download

File Size   526.57 Kbytes
Page   34 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description 16Mb SYNCBURST??SRAM

MT58L1MY18D Datasheet (HTML) - Micron Technology


MT58L1MY18D Product details

GENERAL DESCRIPTION

The Micron®SyncBurst™SRAM family employs high speed, low-power CMOS designs that are fabricated using an advanced CMOS process.

Micron’s 16Mb SyncBurst SRAMs integrate a 1 Meg x 18, 512K x 32, or 512K x 36 SRAM core with advanced synchronous peripheral circuitry and a 2-bit burst counter. All synchronous inputs pass through registers controlled by a positive-edge-triggered single-clock input (CLK).



FEATURES

• Fast clock and OE# access times

• Single +3.3V ±0.165Vor 2.5V ±0.125V power supply (VDD)

• Separate +3.3V or 2.5V isolated output buffer supply (VDDQ)

• SNOOZE MODE for reduced-power standby

• Common data inputs and data outputs

• Individual BYTE WRITE control and GLOBAL WRITE

• Three chip enables for simple depth expansion and address pipelining

• Clock-controlled and registered addresses, data I/Os and control signals

• Internally self-timed WRITE cycle

• Burst control (interleaved or linear burst)

• Automatic power-down

• 100-pin TQFP package

• 165-pin FBGA package

• Low capacitive bus loading

• x18, x32, and x36 versions available



 




Similar Part No. - MT58L1MY18D

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT58L1MV18D MICRON-MT58L1MV18D Datasheet
546Kb / 26P
8Mb: 512K x 18, 256K x 32/36 3.3V I/O, PIPELINED, DCD SYNCBURST SRAM
More results


Similar Description - MT58L1MY18D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1270W MAXIM-DS1270W Datasheet
156Kb / 8P
3.3V 16Mb Nonvolatile SRAM
110602
logo
NanoAmp Solutions, Inc.
N16T1630C2B NANOAMP-N16T1630C2B Datasheet
245Kb / 9P
16Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
Samsung semiconductor
K6F1616U6C SAMSUNG-K6F1616U6C Datasheet
156Kb / 10P
16Mb(1M x 16 bit) Low Power SRAM
logo
Integrated Circuit Solu...
IC61S25632T ICSI-IC61S25632T Datasheet
397Kb / 22P
8Mb SyncBurst Pipelined SRAM
IC61SF12832 ICSI-IC61SF12832 Datasheet
174Kb / 17P
128K x 32 Flow Through SyncBurst SRAM
IC61SF25632T ICSI-IC61SF25632T Datasheet
476Kb / 19P
8Mb SyncBurst Flow through SRAM
IC61SP12832 ICSI-IC61SP12832 Datasheet
254Kb / 16P
128K x 32 Pipelined SyncBurst SRAM
logo
Maxim Integrated Produc...
DS2070W MAXIM-DS2070W Datasheet
218Kb / 12P
3.3V Single-Piece 16Mb Nonvolatile SRAM
Rev 0; 8/06
DS3070W MAXIM-DS3070W Datasheet
275Kb / 18P
3.3V Single-Piece 16Mb Nonvolatile SRAM with Clock
Rev 1; 10/06
logo
Dallas Semiconductor
DS1270W DALLAS-DS1270W_10 Datasheet
194Kb / 8P
3.3V 16Mb Nonvolatile SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com