Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

42050 Datasheet (PDF) - Micropac Industries

42050 Datasheet PDF - Micropac Industries
Part # 42050
Download  42050 Download
File Size   121.42 Kbytes
Page   3 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description POSITIVE VOLTAGE REGULATORS

42050 Datasheet (PDF)

Go To PDF Page Download Datasheet
42050 Datasheet PDF - Micropac Industries

Part # 42050
Download  42050 Click to download

File Size   121.42 Kbytes
Page   3 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description POSITIVE VOLTAGE REGULATORS

42050 Datasheet (HTML) - Micropac Industries


42050 Product details

DESCRIPTION

The 42050 series of regulators covers the output voltage range from 5 VDC through 34 VDC. These regulators are fabricated using hybrid techniques. The devices are complete with internal short circuit protection, which includes voltage shutdown and current fold back. The 42050 series regulators are complete and normally do not require any additional components. However, if the regulator is far from the power source a .2 µf capacitor on the input is suggested.



Features:

•  Output Current To 10 Amps

•  Output Voltage To 34 V

•  Internal Short Circuit Protection

•  Custom Output Voltages available



Applications:

•  Designed for use in general purpose applications.

•  Military And Hi Rel Industrial Applications Where Hermetically Sealed Product Is Required




Similar Part No. - 42050

ManufacturerPart #DatasheetDescription
logo
Brady Worldwide, Inc.
42050 BRADY-42050 Datasheet
824Kb / 1P
DO-IT-YOURSELF SIGNMAKING
logo
LEMO Connectors
420500 LEMO-420500 Datasheet
88Kb / 4P
W - Underwater
420500 LEMO-420500 Datasheet
85Kb / 4P
S - Indoor Stepped Insert
420500 LEMO-420500 Datasheet
83Kb / 3P
S - Indoor Stepped Insert
420500 LEMO-420500 Datasheet
85Kb / 4P
S - Indoor Stepped Insert
More results


Similar Description - 42050

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
78L18 WINGS-78L18 Datasheet
154Kb / 2P
Positive-Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
Positive-Voltage Regulators
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
POSITIVE VOLTAGE REGULATORS
Jul-2003
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
POSITIVE-VOLTAGE REGULATORS
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
Positive voltage regulators
14-Apr-2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com