Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

42051 Datasheet (PDF) - Micropac Industries

42051 Datasheet PDF - Micropac Industries
Part # 42051
Download  42051 Download
File Size   254.83 Kbytes
Page   3 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description 5 A FIXED THREE TERMINAL NEGATIVE VOLTAGE REGULATORS

42051 Datasheet (PDF)

Go To PDF Page Download Datasheet
42051 Datasheet PDF - Micropac Industries

Part # 42051
Download  42051 Click to download

File Size   254.83 Kbytes
Page   3 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description 5 A FIXED THREE TERMINAL NEGATIVE VOLTAGE REGULATORS

42051 Datasheet (HTML) - Micropac Industries


42051 Product details

DESCRIPTION

The 42051 series of regulators covers the voltage range from –5 V through –34 V. These regulators are fabricated using hybrid techniques. The devices are complete with internal short circuit protection which includes voltage shutdown and current fold-back. To insure circuit stability under all load combinations it is recommended that a minimum of 2.0 µF capacitance (solid tantalum) be connected between power ground and the input to the regulator.



Features:

• Output current to 5 Amps

• Output voltage To –34 V

• Internal short circuit protection



Applications:

• Military and Hi Rel industrial applications where hermetically sealed product is required.



 




Similar Part No. - 42051

ManufacturerPart #DatasheetDescription
logo
Brady Worldwide, Inc.
42051 BRADY-42051 Datasheet
824Kb / 1P
DO-IT-YOURSELF SIGNMAKING
logo
Molex Electronics Ltd.
420510 MOLEX11-420510 Datasheet
39Kb / 1P
12.00mm Pitch Beau EuroMax Horizontal Plug, 10 Circuits
logo
Turck, Inc.
4205100 TURCK-4205100 Datasheet
313Kb / 3P
Inductive sensor
11/07/2023
logo
Meder Electronic
4205187075 MEDER-4205187075 Datasheet
79Kb / 2P
Reed Relay
logo
Standex Electronics, In...
4205187075 STANDEX-4205187075 Datasheet
81Kb / 1P
MS Series Reed Relay
Version 01
More results


Similar Description - 42051

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC79L00 MOTOROLA-MC79L00 Datasheet
135Kb / 6P
THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS
MC79M00 MOTOROLA-MC79M00 Datasheet
118Kb / 8P
THREE-TERMINAL NEGATIVE FIXED VOLTAGE REGULATORS
logo
KEC(Korea Electronics)
KIA79L05F KEC-KIA79L05F Datasheet
285Kb / 14P
THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Motorola, Inc
MC7900 MOTOROLA-MC7900 Datasheet
186Kb / 12P
THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL79 INTEGRAL-IL79 Datasheet
136Kb / 5P
THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Toshiba Semiconductor
TA79L05F TOSHIBA-TA79L05F_06 Datasheet
494Kb / 16P
Three-Terminal Negative Voltage Regulators
TA79L005P TOSHIBA-TA79L005P_06 Datasheet
446Kb / 16P
Three-Terminal Negative Voltage Regulators
logo
Micro Commercial Compon...
MC7905CT MCC-MC7905CT Datasheet
166Kb / 6P
Three-Terminal Negative Voltage Regulators
MC7905CT MCC-MC7905CT_11 Datasheet
264Kb / 6P
Three-Terminal Negative Voltage Regulators
MC7915CT MCC-MC7915CT Datasheet
449Kb / 5P
Three-Terminal Negative Voltage Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com