Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

42109 Datasheet (PDF) - Micropac Industries

42109 Datasheet PDF - Micropac Industries
Part # 42109
Download  42109 Download
File Size   142.28 Kbytes
Page   3 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description OPERATIONAL AMPLIFIER DSCC DWG 5962-9065901

42109 Datasheet (PDF)

Go To PDF Page Download Datasheet
42109 Datasheet PDF - Micropac Industries

Part # 42109
Download  42109 Click to download

File Size   142.28 Kbytes
Page   3 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description OPERATIONAL AMPLIFIER DSCC DWG 5962-9065901

42109 Datasheet (HTML) - Micropac Industries


42109 Product details

DESCRIPTION
The 42109, DSCC drawing #5962-9065901 is a high power, high voltage, high current, power operational amplifier and is a replacement for the PA12. The Op Amp is designed to drive capacitive, inductive and sensitive loads. The device is complete with current limiting using external resistors, and fabricated using hybrid techniques to maximize reliability, minimize size and give top performance.

Features:
• Wide Supply Voltage Range (±10 to ±50 Volts)
• High Output Current (15A Peak)
• Small Size (TO-3, 8 Pins)
• Low Cost

Applications:
• Motor, Valve and Actuator Control
• Magnetic Deflection Circuits
• Audio Amplifiers
• Power Transducers




Similar Part No. - 42109

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
42109 WIHA-42109 Datasheet
55Kb / 1P
TY bit set 29 mm
logo
Ulti-Mate Connector Inc
421090000 ULTI-MATE-421090000 Datasheet
47Kb / 1P
Nano Circular Wired 4 Pin No Hardware 30 AWG Stranded w/ Teflon insulation (NEMA HP3-ET) 10 Repeating Colors 6 Inches Wire Length Plastic Shell 200 Max Temp No QPL
08-29-16
More results


Similar Description - 42109

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
42106 MICROPAC-42106 Datasheet
135Kb / 3P
OPERATIONAL AMPLIFIER DSCC DWG 5962-8762001
42115 MICROPAC-42115 Datasheet
165Kb / 3P
OPERATIONAL AMPLIFIER DSCC DWG 5962-9082801
51992 MICROPAC-51992 Datasheet
100Kb / 3P
CURRENT DRIVER DSCC DWG 5962-87617
logo
Linear Technology
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
logo
AVX Corporation
COTS-PLUS AVX-COTS-PLUS Datasheet
78Kb / 6P
DSCC Dwgs 07016 & 95158
logo
All Sensors Corporation
CFFD ASC-CFFD Datasheet
323Kb / 1P
CFFD Package Dwg
CFND ASC-CFND Datasheet
389Kb / 1P
CFND Package Dwg
CFNQ ASC-CFNQ Datasheet
244Kb / 1P
CFNQ Package Dwg
CFNT ASC-CFNT Datasheet
405Kb / 1P
CFNT Package Dwg
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com