Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

42117 Datasheet (PDF) - Micropac Industries

42117 Datasheet PDF - Micropac Industries
Part # 42117
Download  42117 Download
File Size   99.55 Kbytes
Page   3 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description NEGATIVE HIGH TEMPERATURE FIXED VOLTAGE REGULATOR

42117 Datasheet (PDF)

Go To PDF Page Download Datasheet
42117 Datasheet PDF - Micropac Industries

Part # 42117
Download  42117 Click to download

File Size   99.55 Kbytes
Page   3 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description NEGATIVE HIGH TEMPERATURE FIXED VOLTAGE REGULATOR

42117 Datasheet (HTML) - Micropac Industries


42117 Product details

DESCRIPTION

The 42117 series of fixed voltage regulators covers the output voltage range from -5 VDC through -30 VDC. These voltage regulators are fabricated using hybrid techniques and will operate at case temperatures up to +200°C. These devices are complete with internal short circuit protection which includes voltage shutdown and current foldback. The 42117 series voltage regulators normally do not require any additional components. However, for good design practice, an external filter cap of 2µF should be installed at the input, as close to the case as possible.



Features:

• Operating temperature +200°C

• Output current to 1.0 A

• Output voltage to –30 V

• Internal short circuit protection, foldback and current limiting

• Isolated TO-258 package



Applications:

• Down hole

• Harsh environment application



 




Similar Part No. - 42117

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
42117 WIHA-42117 Datasheet
58Kb / 1P
BitBuddy® TY bit set, 49 mm
logo
Micropac Industries
42117-005 MICROPAC-42117-005 Datasheet
95Kb / 3P
NEGATIVE HIGH TEMPERATURE
42117-012 MICROPAC-42117-012 Datasheet
95Kb / 3P
NEGATIVE HIGH TEMPERATURE
42117-015 MICROPAC-42117-015 Datasheet
95Kb / 3P
NEGATIVE HIGH TEMPERATURE
42117-018 MICROPAC-42117-018 Datasheet
95Kb / 3P
NEGATIVE HIGH TEMPERATURE
More results


Similar Description - 42117

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG120 MICROSEMI-SG120 Datasheet
167Kb / 8P
NEGATIVE FIXED VOLTAGE REGULATOR
logo
Micro Electronics
SG7900A MICRO-ELECTRONICS-SG7900A Datasheet
175Kb / 7P
NEGATIVE FIXED VOLTAGE REGULATOR
logo
AUK corp
S79XXPI AUK-S79XXPI Datasheet
270Kb / 8P
Fixed-Negative-Voltage Regulator
S79XXPIC AUK-S79XXPIC Datasheet
271Kb / 8P
Fixed-Negative-Voltage Regulator
S79XXPI AUK-S79XXPI_1 Datasheet
302Kb / 8P
Fixed-Negative-Voltage Regulator
S79XXPIC AUK-S79XXPIC_1 Datasheet
301Kb / 8P
Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG7900A MICROSEMI-SG7900A Datasheet
375Kb / 7P
NEGATIVE FIXED VOLTAGE REGULATOR
SG79XXA MICROSEMI-SG79XXA_10 Datasheet
417Kb / 9P
Negative Fixed Voltage Regulator
SG7912AR MICROSEMI-SG7912AR Datasheet
405Kb / 9P
Negative Fixed Voltage Regulator
SG79XXA MICROSEMI-SG79XXA Datasheet
1Mb / 12P
Negative Fixed Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com