Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

42118 Datasheet (PDF) - Micropac Industries

42118 Datasheet PDF - Micropac Industries
Part # 42118
Download  42118 Download
File Size   234.48 Kbytes
Page   3 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description POSITIVE HIGH TEMPERATURE FIXED VOLTAGE REGULATOR

42118 Datasheet (PDF)

Go To PDF Page Download Datasheet
42118 Datasheet PDF - Micropac Industries

Part # 42118
Download  42118 Click to download

File Size   234.48 Kbytes
Page   3 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description POSITIVE HIGH TEMPERATURE FIXED VOLTAGE REGULATOR

42118 Datasheet (HTML) - Micropac Industries


42118 Product details

DESCRIPTION
The 42118 series of fixed voltage regulators covers the output voltage range from +5 VDC through +30 VDC. These voltage regulators are fabricated using hybrid techniques and will operate at temperatures up to +200ºC. These devices are complete with internal short circuit protection, which includes voltage shutdown and current foldback. It is strongly recommended that input and output capacitors be added as close to the case as possible. A 2µf capacitor should be added to the input and minimum of 1.5µf capacitor should be added to the output. See typical connection diagram below.

Features:
• Operating temperature +200ºC
• Output current to 1.0 A
• Input voltage to +38 V
• Output voltage to +30V
• Internal short circuit protection, foldback and current limiting
• Isolated TO-258 package

Applications:
• Military and Hi Rel Industrial harsh environment applications where hermetically sealed product is required
• Down hole applications




Similar Part No. - 42118

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
42118 WIHA-42118 Datasheet
58Kb / 1P
BitBuddy® TY bit set, 49 mm
logo
Micropac Industries
42118-005 MICROPAC-42118-005 Datasheet
109Kb / 3P
POSITIVE HIGH TEMPERATURE FIXED VOLTAGE REGULATOR
42118-012 MICROPAC-42118-012 Datasheet
109Kb / 3P
POSITIVE HIGH TEMPERATURE FIXED VOLTAGE REGULATOR
42118-015 MICROPAC-42118-015 Datasheet
109Kb / 3P
POSITIVE HIGH TEMPERATURE FIXED VOLTAGE REGULATOR
42118-018 MICROPAC-42118-018 Datasheet
109Kb / 3P
POSITIVE HIGH TEMPERATURE FIXED VOLTAGE REGULATOR
More results


Similar Description - 42118

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG7800A MICROSEMI-SG7800A Datasheet
96Kb / 7P
POSITIVE FIXED VOLTAGE REGULATOR
logo
Micro Electronics
SG7815T MICRO-ELECTRONICS-SG7815T Datasheet
112Kb / 7P
POSITIVE FIXED VOLTAGE REGULATOR
logo
List of Unclassifed Man...
SG7800A ETC1-SG7800A Datasheet
110Kb / 7P
POSITIVE FIXED VOLTAGE REGULATOR
logo
KODENSHI_AUK CORP.
IL78L05 KODENSHI-IL78L05 Datasheet
237Kb / 13P
FIXED VOLTAGE REGULATOR (POSITIVE)
logo
Microsemi Corporation
SG78XXA MICROSEMI-SG78XXA_10 Datasheet
420Kb / 8P
Positive Fixed Voltage Regulator
logo
Seme LAB
IP140ME SEME-LAB-IP140ME Datasheet
336Kb / 8P
POSITIVE FIXED VOLTAGE REGULATOR
logo
Microsemi Corporation
M3851014103BEA MICROSEMI-M3851014103BEA Datasheet
312Kb / 7P
POSITIVE FIXED VOLTAGE REGULATOR
SG7824AT-883B MICROSEMI-SG7824AT-883B Datasheet
396Kb / 8P
Positive Fixed Voltage Regulator
SG7805K-883B MICROSEMI-SG7805K-883B Datasheet
409Kb / 8P
Positive Fixed Voltage Regulator
logo
Micropac Industries
42118 MICROPAC-42118_05 Datasheet
109Kb / 3P
POSITIVE HIGH TEMPERATURE FIXED VOLTAGE REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com