Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

42141 Datasheet (PDF) - Micropac Industries

42141 Datasheet PDF - Micropac Industries
Part # 42141
Download  42141 Download
File Size   93.09 Kbytes
Page   2 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description POSITIVE REGULATOR 5 VOLTS

42141 Datasheet (PDF)

Go To PDF Page Download Datasheet
42141 Datasheet PDF - Micropac Industries

Part # 42141
Download  42141 Click to download

File Size   93.09 Kbytes
Page   2 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description POSITIVE REGULATOR 5 VOLTS

42141 Datasheet (HTML) - Micropac Industries


42141 Product details

DESCRIPTION
This regulator is fabricated using hybrid techniques and will operate at temperatures up to 200°C. This device is complete with internal short circuit protection which includes voltage shutdown and current foldback. The new 42141 series regulator normally does not require any additional components. However, for good design practice, an external filter cap should be installed at the input, as close to the case as possible.

Features:
• Output noise typically less than 3µv
• Output current up to 150 mA
• Input voltage up to 30V
• Internal short circuit protection, foldback and current limiting

Applications:
• Down hole oil exploration
• Military & high reliability applications where a hermetically sealed product for harsh environments is required




Similar Part No. - 42141

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
4214 FILTRONIC-4214 Datasheet
369Kb / 3P
POWER DIVIDERS FOUR-WAY, 1 TO 18 GHZ
logo
API Technologies Corp
4214 APITECH-4214 Datasheet
195Kb / 3P
POWER DIVIDERS
4214 APITECH-4214 Datasheet
195Kb / 3P
POWER DIVIDERS
4214 APITECH-4214 Datasheet
195Kb / 3P
POWER DIVIDERS
logo
Heyco.
4214 HEYCO-4214 Datasheet
153Kb / 1P
Cable Holders - Adhesive Back Mount
More results


Similar Description - 42141

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM123 NSC-LM123 Datasheet
203Kb / 8P
3-Amp, 5-Volt Positive Regulator
LM140 NSC-LM140 Datasheet
28Kb / 7P
VOLTAGE REGULATOR, 5 VOLTS AT 1.0A
logo
Seme LAB
IP138A SEME-LAB-IP138A Datasheet
56Kb / 6P
5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Micropac Industries
52150 MICROPAC-52150 Datasheet
114Kb / 4P
POSITIVE ADJUSTABLE 5-AMP VOLTAGE REGULATOR
logo
Fairchild Semiconductor
UA78HGA FAIRCHILD-UA78HGA Datasheet
305Kb / 4P
Positive Adjustable 5-Amp Voltage Regulator
logo
Seme LAB
LT1084M SEME-LAB-LT1084M Datasheet
32Kb / 3P
5 AMP POSITIVE VOLTAGE REGULATOR
logo
National Semiconductor ...
MJLM120-5-H NSC-MJLM120-5-H Datasheet
15Kb / 4P
VOLTAGE REGULATOR -5 VOLTS AT .5A
logo
Semtech Corporation
EZ1084 SEMTECH-EZ1084_06 Datasheet
155Kb / 6P
5 Amp Positive Voltage Regulator
logo
Texas Instruments
LM123 TI1-LM123 Datasheet
1Mb / 13P
3-Amp, 5-Volt Positive Regulator
logo
DATEL, Inc.
LBR-123 DATEL-LBR-123 Datasheet
384Kb / 3P
5 Volt Positive Fixed Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com