Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53024 Datasheet (PDF) - Micropac Industries

53024 Datasheet PDF - Micropac Industries
Part # 53024
Download  53024 Download
File Size   112.37 Kbytes
Page   3 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description SPST SOLID-STATE RELAY

53024 Datasheet (PDF)

Go To PDF Page Download Datasheet
53024 Datasheet PDF - Micropac Industries

Part # 53024
Download  53024 Click to download

File Size   112.37 Kbytes
Page   3 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description SPST SOLID-STATE RELAY

53024 Datasheet (HTML) - Micropac Industries


53024 Product details

DESCRIPTION

The 53024 is a military SPST solid-state relay. This small, light-weight device is resistant to damage from shock and vibration, and immune to contact-related problems (contamination, arcing) associated with mechanical equivalents.

Optical coupling between the input and output stages provides effective isolation up to 1000 volts AC RMS. Power FET outputs eliminate bipolar offset, and minimize output voltage drop.

The control logic is TTL and CMOS compatible, and will accommodate bias supplies between 3.8 and 32 VDC. A built-in Schmitt trigger increases noise margin when using the device in the CMOS input mode.

This solid-state relay is ideal for use in military systems, or wherever high reliability, low power actuation, and light weight are design considerations. Applications include general purpose signal switching and electronic load control.



Features:

• Replacement for 690-2

• SPST, Normally Open

• 1000 V RMS Optical Isolation

• CMOS or TTL Compatible Input

• Power FET Output – Low On-state Resistance

• Full Military Temperature Operation: -55ºC to +105ºC

• Military Environmental Screening Available

• Built and Tested to MIL-PRF-28750 utilizing the test methods of MIL-STD-883C

• Qualified to 86001-001



Applications:

• Low level power control

• Current loop switches

• Isolated line driver

• Servo and synchro resolver control

• Military/Space general purpose switching



 




Similar Part No. - 53024

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
530244 FESTO-530244 Datasheet
90Kb / 1P
Air preparation combination unit
2/9/22
530245 FESTO-530245 Datasheet
95Kb / 1P
Air preparation combination unit
2/9/22
530246 FESTO-530246 Datasheet
90Kb / 1P
Air preparation combination unit
2/9/22
530248 FESTO-530248 Datasheet
90Kb / 1P
Air preparation combination unit
2/9/22
logo
Micropac Industries
53024 MICROPAC-53024_02 Datasheet
39Kb / 3P
SPST SOLID-STATE RELAY
More results


Similar Description - 53024

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53012 MICROPAC-53012 Datasheet
149Kb / 4P
SPST SOLID-STATE RELAY
53217 MICROPAC-53217 Datasheet
123Kb / 6P
SPST SOLID-STATE POWER CONTROLLERS
logo
COSMO Electronics Corp...
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
SOLID STATE RELAY
logo
List of Unclassifed Man...
53274 ETC2-53274 Datasheet
56Kb / 5P
Solid State Relay SPST, 90VDC - 10A
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
Micropac Industries
53274 MICROPAC-53274 Datasheet
68Kb / 5P
Solid State Relay SPST, 90VDC - 10A
53274 MICROPAC-53274 Datasheet
68Kb / 5P
Solid State Relay SPST, 90VDC - 10A
logo
Omron Electronics LLC
G3TBOA202PZDC524 OMRON-G3TBOA202PZDC524 Datasheet
395Kb / 8P
Solid State Relay
logo
Micropac Industries
53012 MICROPAC-53012_02 Datasheet
76Kb / 4P
SPST SOLID-STATE RELAY
53024 MICROPAC-53024_02 Datasheet
39Kb / 3P
SPST SOLID-STATE RELAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com