Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N3154 Datasheet (PDF) - Microsemi Corporation

1N3154 Datasheet PDF - Microsemi Corporation
Part # 1N3154
Download  1N3154 Download
File Size   72.44 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 8.4 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES

1N3154 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N3154 Datasheet PDF - Microsemi Corporation

Part # 1N3154
Download  1N3154 Click to download

File Size   72.44 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 8.4 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES

1N3154 Datasheet (HTML) - Microsemi Corporation


1N3154 Product details

DESCRIPTION

The popular 1N3154 thru 1N3157A series of Zero-TC Reference Diodes provides a selection of 8.4 V nominal voltages and temperature coefficients to as low as 0.001 %/°C for minimal voltage change with temperature when operated at 10.0 mA. These glass axial-leaded DO-7 reference diodes are also available in JAN, JANTX, and JANTXV military qualifications. As a further option for commercial product, they are available as RoHS Compliant with an e3 suffix added to the part number. Microsemi also offers numerous other Zener Reference Diode products for a variety of other voltages from 6.2 V to 200 V.



FEATURES
• JEDEC registered 1N3154 thru 1N3157A series
• Standard reference voltage of 8.4V +/- 5% with tighter tolerances available
• 1N3154, 3155, 3156, and 3157 also have military qualification to MIL-PRF-19500/158 up to the JANTXV level by adding JAN, JANTX, or JANTXV prefixes to part numbers as well as “-1” suffix, e.g. JANTX1N3157-1, etc.
• Internal metallurgical bonds
• JANS Equivalent available via SCD
• Radiation Hardened devices available by changing 1N prefix to RH, e.g. RH3156, RH3157, RH3157A, etc. Also consult factory for “RH” data sheet brochure
• RoHS Compliant devices available by adding an “e3” suffix (not applicable to military)

APPLICATIONS / BENEFITS
• Provides minimal voltage changes over a broad temperature range
• For instrumentation and other circuit designs requiring a stable voltage reference
• Maximum temperature coefficient selections available from 0.01%/ºC to 0.001%/ºC
• Tight reference voltage tolerances at the 8.4 V nominal is available by adding tolerance 1%, 2%, 3%, etc. after the part number for identification e.g. 1N3156-2%, 1N3157A-1%, 1N3157-1-1%, etc.
• Flexible axial-lead mounting terminals
• Nonsensitive to ESD per MIL-STD-750 Method 1020




Similar Part No. - 1N3154

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N3154 CDI-DIODE-1N3154 Datasheet
96Kb / 2P
8.4 V0LT NOMINAL ZENER VOLTAGE
logo
Microsemi Corporation
1N3154 MICROSEMI-1N3154 Datasheet
107Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N3154 MICROSEMI-1N3154 Datasheet
137Kb / 3P
8.4 Volt Temperature Compensated Zener Reference Diodes
logo
New Jersey Semi-Conduct...
1N3154 NJSEMI-1N3154 Datasheet
109Kb / 1P
ZENER VOLTAGE 8.4V
1N3154 NJSEMI-1N3154 Datasheet
86Kb / 1P
temperature compensated zener diodes
More results


Similar Description - 1N3154

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4564 MICROSEMI-1N4564 Datasheet
82Kb / 2P
6.4 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4765 MICROSEMI-1N4765 Datasheet
49Kb / 2P
9.1 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N935 MICROSEMI-1N935 Datasheet
76Kb / 2P
9.0 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4584 MICROSEMI-1N4584 Datasheet
246Kb / 4P
6.4 Volt Temperature Compensated Zener Reference Diodes
1N3154 MICROSEMI-1N3154_1 Datasheet
137Kb / 3P
8.4 Volt Temperature Compensated Zener Reference Diodes
logo
New Jersey Semi-Conduct...
1N941 NJSEMI-1N941 Datasheet
134Kb / 1P
11.7 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4765 NJSEMI-1N4765 Datasheet
118Kb / 1P
9.1 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Digitron Semiconductors
1N941 DIGITRON-1N941 Datasheet
230Kb / 2P
11.7 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N935 DIGITRON-1N935 Datasheet
96Kb / 2P
9.0 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N941UR-1 MICROSEMI-1N941UR-1 Datasheet
241Kb / 6P
11.7 Volt Temperature Compensated Zener Reference Diodes
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com