Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS70145 Datasheet (PDF) - Texas Instruments

TPS70145 Datasheet PDF - Texas Instruments
Part # TPS70145
Download  TPS70145 Download
File Size   1036.59 Kbytes
Page   42 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems

TPS70145 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS70145 Datasheet PDF - Texas Instruments

Part # TPS70145
Download  TPS70145 Click to download

File Size   1036.59 Kbytes
Page   42 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems

TPS70145 Datasheet (HTML) - Texas Instruments


TPS70145 Product details

DESCRIPTION
TPS701xx family devices are designed to provide a
complete power management solution for the
TMS320™ DSP family, processor power, ASIC,
FPGA, and digital applications where dual output
voltage regulators are required. Easy programmability
of the sequencing function makes the TPS701xx
family ideal for any TMS320 DSP applications with
power sequencing requirements. Differentiated
features, such as accuracy, fast transient response,
SVS supervisory circuit, manual reset inputs, and an
enable function, provide a complete system solution.
The TPS701xx family of voltage regulators offer very
low dropout voltage and dual outputs with power-up sequence control, which is designed primarily for
DSP applications. These devices have extremely low
noise output performance without using any added
filter bypass capacitors and are designed to have a
fast transient response and be stable with 10mF low
ESR capacitors.
These devices have fixed 3.3V/2.5V, 3.3V/1.8V,
3.3V/1.5V, 3.3V/1.2V, and adjustable/adjustable
voltage options. Regulator 1 can support up to
500mA, and regulator 2 can support up to 250mA.
Separate voltage inputs allow the designer to
configure the source power.

FEATURES
• Dual Output Voltages for Split-Supply
Applications
• Selectable Power-Up Sequencing for DSP
Applications
• Output Current Range of 500mA on Regulator
1 and 250mA on Regulator 2
• Fast Transient Response
• Voltage Options: 3.3V/2.5V, 3.3V/1.8V,
3.3V/1.5V, 3.3V/1.2V, and Dual Adjustable
Outputs
• Open Drain Power-On Reset with 120ms Delay
• Open Drain Power Good for Regulator 1
• Ultra Low 190mA (typ) Quiescent Current
• 1mA Input Current During Standby
• Low Noise: 65mV RMS Without Bypass Capacitor
• Quick Output Capacitor Discharge Feature
• Two Manual Reset Inputs
• 2% Accuracy Over Load and Temperature
• Undervoltage Lockout (UVLO) Feature
• 20-Pin PowerPAD™ TSSOP Package
• Thermal Shutdown Protection




Similar Part No. - TPS70145

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70145 TI-TPS70145 Datasheet
523Kb / 34P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70145 TI1-TPS70145 Datasheet
1Mb / 42P
Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70145PWP TI-TPS70145PWP Datasheet
523Kb / 34P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70145PWP TI1-TPS70145PWP Datasheet
563Kb / 34P
Dual-Output Low-Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70145PWP TI1-TPS70145PWP Datasheet
1Mb / 42P
Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
More results


Similar Description - TPS70145

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70145 TI-TPS70145 Datasheet
523Kb / 34P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70745 TI-TPS70745 Datasheet
505Kb / 34P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70345 TI-TPS70345 Datasheet
575Kb / 35P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70345-EP TI1-TPS70345-EP Datasheet
937Kb / 32P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70358M TI1-TPS70358M Datasheet
837Kb / 32P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS701XX TI1-TPS701XX Datasheet
563Kb / 34P
Dual-Output Low-Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70751 TI-TPS70751_15 Datasheet
831Kb / 40P
Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70145 TI1-TPS70145_16 Datasheet
1Mb / 42P
Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70345-EP TI1-TPS70345-EP_16 Datasheet
976Kb / 33P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70745 TI1-TPS70745_16 Datasheet
892Kb / 40P
Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com