Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB826 Datasheet (PDF) - ON Semiconductor

2SB826 Datasheet PDF - ON Semiconductor
Part # 2SB826
Download  2SB826 Download
File Size   101.41 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 50V / 12A Switching Applications

2SB826 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB826 Datasheet PDF - ON Semiconductor

Part # 2SB826
Download  2SB826 Click to download

File Size   101.41 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 50V / 12A Switching Applications

2SB826 Datasheet (HTML) - ON Semiconductor


2SB826 Product details

Features
• Low-saturation collector-to-emitter voltage : VCE(sat)= --0.5V(PNP), 0.4V(NPN) max.
• Wide ASO leading to high resistance to breakdown.

Applications
• Relay drivers, high-speed inverters, converters, and other general high-current switching applications.




Similar Part No. - 2SB826

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SB826 MOSPEC-2SB826 Datasheet
121Kb / 3P
POWER TRANSISTORS(12A,50V,40W)
logo
Sanyo Semicon Device
2SB826 SANYO-2SB826 Datasheet
98Kb / 3P
50V/12A Switching Applications
logo
Savantic, Inc.
2SB826 SAVANTIC-2SB826 Datasheet
149Kb / 4P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB826 JMNIC-2SB826 Datasheet
235Kb / 4P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB826 ISC-2SB826 Datasheet
203Kb / 4P
Silicon PNP Power Transistors
More results


Similar Description - 2SB826

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1824 SANYO-2SA1824 Datasheet
131Kb / 4P
50V/5A Switching Applications
2SB1135 SANYO-2SB1135 Datasheet
99Kb / 3P
50V/7A Switching Applications
2SB1136 SANYO-2SB1136 Datasheet
102Kb / 3P
50V/12A Switching Applications
2SB1165 SANYO-2SB1165 Datasheet
124Kb / 4P
50V/5A Switching Applications
2SB826 SANYO-2SB826 Datasheet
98Kb / 3P
50V/12A Switching Applications
2SB828 SANYO-2SB828 Datasheet
98Kb / 3P
50V/12A Switching Applications
2SB922L SANYO-2SB922L Datasheet
94Kb / 3P
80V/12A Switching Applications
2SC4423 SANYO-2SC4423 Datasheet
96Kb / 4P
400V/12A Switching Regulator Applications
SB120-05R SANYO-SB120-05R Datasheet
81Kb / 3P
50V, 12A Rectifier
2SB1143S SANYO-2SB1143S Datasheet
422Kb / 7P
50V/4A Switching Applications
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com