Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT28C257 Datasheet (PDF) - ON Semiconductor

CAT28C257 Datasheet PDF - ON Semiconductor
Part # CAT28C257
Download  CAT28C257 Download
File Size   143.49 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 256 kb CMOS Parallel EEPROM

CAT28C257 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT28C257 Datasheet PDF - ON Semiconductor

Part # CAT28C257
Download  CAT28C257 Click to download

File Size   143.49 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 256 kb CMOS Parallel EEPROM

CAT28C257 Datasheet (HTML) - ON Semiconductor


CAT28C257 Product details

Description
The CAT28C257 is a fast, low power, 5 V−only CMOS Parallel EEPROM organized as 32K x 8−bits. It requires a simple interface for in−system programming. On−chip address and data latches, self−timed write cycle with auto−clear and VCC power up/down write protection eliminate additional timing and protection hardware. DATA Polling and Toggle status bits signal the start and end of the self−timed write cycle. Additionally, the CAT28C257 features hardware and software write protection.

Features
• Fast Read Access Times: 120/150 ns
• Low Power CMOS Dissipation:
    – Active: 25 mA Max.
    – Standby: 150 A Max.
• Simple Write Operation:
    – On−chip Address and Data Latches
    – Self−timed Write Cycle with Auto−clear
• Fast Write Cycle Time:
    − 5 ms Max.
• CMOS and TTL Compatible I/O
• Automatic Page Write Operation:
    − 1 to 128 Bytes in 5 ms
    − Page Load Timer
• End of Write Detection:
    − Toggle Bit
    − DATA Polling
• Hardware and Software Write Protection
• 100,000 Program/Erase Cycles
• 100 Year Data Retention
• Commercial, Industrial and Automotive Temperature Ranges




Similar Part No. - CAT28C257

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C257 CATALYST-CAT28C257 Datasheet
75Kb / 10P
256K-Bit CMOS PARALLEL E2PROM
CAT28C257 CATALYST-CAT28C257 Datasheet
527Kb / 12P
256K-Bit CMOS PARALLEL EEPROM
CAT28C257G-12T CATALYST-CAT28C257G-12T Datasheet
527Kb / 12P
256K-Bit CMOS PARALLEL EEPROM
CAT28C257G-15T CATALYST-CAT28C257G-15T Datasheet
527Kb / 12P
256K-Bit CMOS PARALLEL EEPROM
CAT28C257GA-12T CATALYST-CAT28C257GA-12T Datasheet
527Kb / 12P
256K-Bit CMOS PARALLEL EEPROM
More results


Similar Description - CAT28C257

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28C256 ONSEMI-CAT28C256 Datasheet
154Kb / 14P
256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAT25256 ONSEMI-CAT25256 Datasheet
187Kb / 16P
256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT24C256WI-G ONSEMI-CAT24C256WI-G Datasheet
193Kb / 18P
256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
CAT28C256N-20 ONSEMI-CAT28C256N-20 Datasheet
154Kb / 14P
256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAV24C256WE-GT3 ONSEMI-CAV24C256WE-GT3 Datasheet
157Kb / 11P
256-Kb I2C CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAT28C256LI12 ONSEMI-CAT28C256LI12 Datasheet
154Kb / 14P
256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C256GI12 ONSEMI-CAT28C256GI12 Datasheet
132Kb / 14P
256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAT24C256XI ONSEMI-CAT24C256XI Datasheet
205Kb / 18P
256 kb I2C CMOS Serial EEPROM
January, 2014 ??Rev. 14
CAV24C256 ONSEMI-CAV24C256 Datasheet
157Kb / 11P
256-Kb CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAT25256 ONSEMI-CAT25256_15 Datasheet
151Kb / 19P
256-Kb SPI Serial CMOS EEPROM
June, 2015 ??Rev. 8
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com