Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA4625 Datasheet (PDF) - ON Semiconductor

LA4625 Datasheet PDF - ON Semiconductor
Part # LA4625
Download  LA4625 Download
File Size   234.15 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2-channel 13.5W BTL Audio Power Amplifier

LA4625 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4625 Datasheet PDF - ON Semiconductor

Part # LA4625
Download  LA4625 Click to download

File Size   234.15 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2-channel 13.5W BTL Audio Power Amplifier

LA4625 Datasheet (HTML) - ON Semiconductor


LA4625 Product details

Overview
The LA4625 is a 2-channel general-purpose BTL audio power amplifier provided in a miniature package. It was designed for the best possible audio quality and features an extended low band roll-off frequency provided by a newly-developed NF circuit that does not require an external capacitor. Furthermore, crosstalk, which can cause muddiness in the audio output, has been significantly reduced by both circuit and wiring pattern improvements. Thus this amplifier can provide powerful lows and clear highs.
Note that this device is pin compatible with the 20W×2-channel LA4628, and allows end products differentiated by their power rating to share the same printed circuit board.

Features
• Total output : 13.5W+13.5W (at VCC = 12V, RL = 4Ω, THD = 10%)
• PMPO reference data : 115W×2 (VCC = 20V, RL = 4Ω)
• High-fidelity design (fL < 10Hz, fH = 130kHz)
• Extremely low impulse noise levels
• An arbitrary amplifier startup time can be set up with external components.
• Full complement of built-in protection circuits (includes circuits that protect against shorting to VCC, shorting to ground, load shorting, overvoltages and excessive temperatures)




Similar Part No. - LA4625

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4625 SANYO-LA4625 Datasheet
99Kb / 8P
Two-Channel 13.5 W BTL Audio Power Amplifier
LA4625 SANYO-LA4625 Datasheet
146Kb / 8P
2-channel 13.5W BTL Audio Power Amplifier
logo
ON Semiconductor
LA4625-E ONSEMI-LA4625-E Datasheet
200Kb / 8P
2-channel 13.5W BTL Audio Power Amplifier
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
LA4625 SANYO-LA4625_08 Datasheet
146Kb / 8P
2-channel 13.5W BTL Audio Power Amplifier
LA4625 SANYO-LA4625_10 Datasheet
146Kb / 8P
2-channel 13.5W BTL Audio Power Amplifier
More results


Similar Description - LA4625

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8543 PHILIPS-TDA8543 Datasheet
201Kb / 20P
2 W BTL audio amplifier
1997 Jun 12
logo
Toshiba Semiconductor
TA8201AK TOSHIBA-TA8201AK Datasheet
413Kb / 8P
BTL AUDIO POWER AMPLIFIER
logo
Sanyo Semicon Device
LA4625 SANYO-LA4625_08 Datasheet
146Kb / 8P
2-channel 13.5W BTL Audio Power Amplifier
LA4628 SANYO-LA4628_08 Datasheet
131Kb / 8P
For General Audio 20W 2-Channel BTL Power Amplifier
LA4725 SANYO-LA4725_09 Datasheet
129Kb / 8P
2-channel 30W BTL Audio Power Amplifier
LA4625 SANYO-LA4625_10 Datasheet
146Kb / 8P
2-channel 13.5W BTL Audio Power Amplifier
logo
ON Semiconductor
LA4625-E ONSEMI-LA4625-E Datasheet
200Kb / 8P
2-channel 13.5W BTL Audio Power Amplifier
Jan-2011, Rev. 0
EN5715A ONSEMI-EN5715A Datasheet
156Kb / 8P
2-channel 30W BTL Audio Amplifier
May, 2013
LA4628 ONSEMI-LA4628 Datasheet
221Kb / 8P
2-Channel BTL Power Amplifier
May, 2013
LA4725 ONSEMI-LA4725 Datasheet
156Kb / 8P
2-channel 30W BTL Audio Amplifier
May, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com