Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N746 Datasheet (PDF) - Microsemi Corporation

1N746 Datasheet PDF - Microsemi Corporation
Part # 1N746
Download  1N746 Download
File Size   70.73 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SILICON 500 mW ZENER DIODES

1N746 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N746 Datasheet PDF - Microsemi Corporation

Part # 1N746
Download  1N746 Click to download

File Size   70.73 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SILICON 500 mW ZENER DIODES

1N746 Datasheet (HTML) - Microsemi Corporation


1N746 Product details

DESCRIPTION
The popular 1N746 thru 1N759A and 1N4370 thru 1N4372A series of 0.5 watt Zener Voltage Regulators provides a selection from 2.4 to 12 volts in standard 5% or 10% tolerances as well as tighter tolerances identified by different suffix letters on the part number. These glass axial-leaded DO-35 Zeners are also available with an internal-metallurgical-bond option by adding a “-1” suffix. These are also available in JAN, JANTX, and JANTXV military qualifications. Microsemi also offers numerous other Zener products to meet higher and lower power applications.

FEATURES
• JEDEC registered 1N746 thru 1N759A and 1N4370 thru 1N4372A series
• Internal metallurgical bond option available by adding a “-1” suffix
• Also available in JAN, JANTX, and JANTXV qualifications per MIL-PRF-19500/127 by adding the JAN, JANTX, or JANTXV prefixes to part numbers for desired level of screening as well as –1” suffix; (e.g. JANTX1N751A-1, JANTXV1N758C-1, etc.)
• Military Surface Mount equivalents also available in DO-213AA by adding a UR-1 suffix in addition to the JAN, JANTX, and JANTXV prefix; e.g. JANTX1N962BUR-1 (see separate data sheet)
• Commercial Surface Mount equivalents available as MLL746 to MLL759A and MLL4370 to MLL4372A including the “-1” suffix in the DO-213AA MELF style package (consult factory for others)
• DO-7 glass body axial-leaded Zener equivalents are also available

APPLICATIONS / BENEFITS
• Regulates voltage over a broad operating current and temperature range
• Selection from 2.4 to 12 V
• Standard voltage tolerances are plus/minus 5% with A suffix identification and 10 % with no suffix
• Tight tolerances available in plus or minus 2% or 1% with C or D suffix respectively
• Flexible axial-lead mounting terminals
• Nonsensitive to ESD per MIL-STD-750 Method 1020
• Minimal capacitance (see Figure 3)
• Inherently radiation hard as described in Microsemi MicroNote 050




Similar Part No. - 1N746

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N746 JGD-1N746 Datasheet
199Kb / 2P
500mW SILICON ZENER DIODES
logo
Compensated Deuices Inc...
1N746 CDI-DIODE-1N746 Datasheet
23Kb / 2P
DOUBLE PLUG CONSTRUCTION
logo
Shanghai Lunsure Electr...
1N746 CHENYI-1N746 Datasheet
33Kb / 2P
0.5W SILICON PLANAR ZENER DIODES
logo
General Semiconductor
1N746 GE-1N746 Datasheet
36Kb / 2P
ZENER DIODES
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
SILICON PLANAR ZENER DIODES
More results


Similar Description - 1N746

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N6309 CDI-DIODE-1N6309 Datasheet
111Kb / 2P
500 mW ZENER DIODES
1N6309US CDI-DIODE-1N6309US Datasheet
108Kb / 2P
500 mW ZENER DIODES
logo
Microsemi Corporation
1N5221-1 MICROSEMI-1N5221-1 Datasheet
102Kb / 3P
SILICON 500 mW ZENER DIODES
1N5221 MICROSEMI-1N5221 Datasheet
100Kb / 3P
SILICON 500 mW ZENER DIODES
1N5985 MICROSEMI-1N5985 Datasheet
110Kb / 3P
SILICON 500 mW ZENER DIODES
1N957B-1 MICROSEMI-1N957B-1 Datasheet
92Kb / 2P
SILICON 500 mW ZENER DIODES
1N746 MICROSEMI-1N746 Datasheet
217Kb / 3P
Silicon 500 mW Zener Diodes
1N992B MICROSEMI-1N992B Datasheet
221Kb / 3P
Silicon 500 mW Zener Diodes
logo
New Jersey Semi-Conduct...
RD2.0E NJSEMI-RD2.0E Datasheet
346Kb / 5P
500 mW PLANAR TYPE SILICON ZENER DIODES
logo
Microsemi Corporation
1N957BUR-1 MICROSEMI-1N957BUR-1 Datasheet
503Kb / 6P
Silicon MELF 500 mW Zener Diodes
Rev. 1
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com