Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N482 Datasheet (PDF) - Microsemi Corporation

1N482 Datasheet PDF - Microsemi Corporation
Part # 1N482
Download  1N482 Download
File Size   57.76 Kbytes
Page   1 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description High Conductance DO-35 Diodes

1N482 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N482 Datasheet PDF - Microsemi Corporation

Part # 1N482
Download  1N482 Click to download

File Size   57.76 Kbytes
Page   1 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description High Conductance DO-35 Diodes

1N482 Datasheet (HTML) - Microsemi Corporation


1N482 Product details

Features
● Humidity proof glass
● Thermally matched system
● No thermal fatigue
● No applications restrictions
● Sigma Bond™ plated contacts
● 100% guaranteed solderability
● Problem free assembly
● Six Sigma quality
● LL-35 MiniMELF types available




Similar Part No. - 1N482

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N482 ETC1-1N482 Datasheet
266Kb / 6P
silicon diode
logo
International Rectifier
1N4820 IRF-1N4820 Datasheet
119Kb / 3P
1.5 AND 2.0 AMP MOLDED SILICON RECTIFIER DIODES
1N4821 IRF-1N4821 Datasheet
119Kb / 3P
1.5 AND 2.0 AMP MOLDED SILICON RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
1N4822 NJSEMI-1N4822 Datasheet
88Kb / 1P
SI RECTIFIER
1N4824 NJSEMI-1N4824 Datasheet
85Kb / 1P
SWITCHING DIODE/RECTIFIERS
More results


Similar Description - 1N482

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH1000 FAIRCHILD-FDH1000 Datasheet
27Kb / 1P
High Conductance Switching Diodes
logo
Microsemi Corporation
1N5518-1 MICROSEMI-1N5518-1 Datasheet
81Kb / 2P
LOW VOLTAGE AVALANCHE DIODES DO-35
LL485B MICROSEMI-LL485B Datasheet
67Kb / 1P
High Conductance DO-35 Diodes
logo
SEMTECH ELECTRONICS LTD...
LL916 SEMTECH_ELEC-LL916 Datasheet
232Kb / 4P
HIGH CONDUCTANCE FAST DIODES
logo
Jiangsu High diode Semi...
1N52-SERIES HDSEMI-1N52-SERIES Datasheet
1Mb / 6P
DO-35 Glass-Encapsulate Diodes
1N4148-DO-35 HDSEMI-1N4148-DO-35 Datasheet
1Mb / 5P
DO-35 Glass-Encapsulate Diodes
BZX55 HDSEMI-BZX55 Datasheet
1Mb / 6P
DO-35 Glass-Encapsulate Diodes
DB3-DO-35 HDSEMI-DB3-DO-35 Datasheet
1Mb / 4P
DO-35 Glass-Encapsulate Diodes
logo
SeCoS Halbleitertechnol...
1N52XXB SECOS-1N52XXB Datasheet
122Kb / 2P
500 mW , DO-35 Zener Diodes
logo
Vishay Siliconix
BA479G VISHAY-BA479G_V01 Datasheet
81Kb / 3P
RF PIN Diodes - Single in DO-35 (DO-204AH)
07-Mar-2022
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com