Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5767 Datasheet (PDF) - Microsemi Corporation

1N5767 Datasheet PDF - Microsemi Corporation
Part # 1N5767
Download  1N5767 Download
File Size   122.18 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description PIN DIODE

1N5767 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5767 Datasheet PDF - Microsemi Corporation

Part # 1N5767
Download  1N5767 Click to download

File Size   122.18 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description PIN DIODE

1N5767 Datasheet (HTML) - Microsemi Corporation


1N5767 Product details

DESCRIPTION
The 1N5767 and the 1N5957 PIN diodes are based upon low capacitance PIN chips designed with long minority carrier lifetime, and thick intrinsic width. Thus operation as low as 1 MHz is possible with low distortion. Additionally, the low diode capacitance allows useful operation well into the microwave frequency range.

KEY FEATURES
■ Useful attenuation from 1 µA
   to 100 mA bias
■ Capacitance below 0.4 pF
■ Low distortion in switches and
   attenuators
■ Metallurgical bond
■ Sealed in glass
■ Thermally matched construction

APPLICATIONS/BENEFITS
■ Surface mount package available
■ RoHS compliant packaging
   available




Similar Part No. - 1N5767

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
1N5767 HP-1N5767 Datasheet
41Kb / 4P
PIN Diodes for RF Switching and Attenuating
logo
New Jersey Semi-Conduct...
1N5767 NJSEMI-1N5767 Datasheet
67Kb / 1P
GENERAL PURPOSE PIN DIODE
logo
AVAGO TECHNOLOGIES LIMI...
1N5767 AVAGO-1N5767 Datasheet
161Kb / 4P
Large Dynamic Range
More results


Similar Description - 1N5767

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM2300 MICROSEMI-UM2300 Datasheet
185Kb / 5P
PIN DIODE
UM6000 MICROSEMI-UM6000 Datasheet
221Kb / 4P
PIN DIODE
logo
AUK corp
SDP510D AUK-SDP510D Datasheet
46Kb / 3P
Pin Diode
SDP510WMU AUK-SDP510WMU Datasheet
44Kb / 3P
Pin Diode
SDP510WMUF AUK-SDP510WMUF Datasheet
45Kb / 3P
Pin Diode
logo
Rohm
RN142S ROHM-RN142S Datasheet
43Kb / 3P
PIN diode
logo
Torex Semiconductor
1106_XB15A402 TOREX-1106_XB15A402 Datasheet
103Kb / 2P
PIN DIODE
logo
Rohm
RN141S ROHM-RN141S Datasheet
325Kb / 3P
PIN diode
logo
AUK corp
SDP510WMU AUK-SDP510WMU_1 Datasheet
47Kb / 3P
Pin Diode
logo
Rohm
RN141STE61 ROHM-RN141STE61 Datasheet
400Kb / 3P
PIN diode
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com