Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5772 Datasheet (PDF) - Microsemi Corporation

1N5772 Datasheet PDF - Microsemi Corporation
Part # 1N5772
Download  1N5772 Download
File Size   22.74 Kbytes
Page   1 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description MONOLITHIC AIR ISOLATED DIODE ARRAY

1N5772 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5772 Datasheet PDF - Microsemi Corporation

Part # 1N5772
Download  1N5772 Click to download

File Size   22.74 Kbytes
Page   1 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description MONOLITHIC AIR ISOLATED DIODE ARRAY

1N5772 Datasheet (HTML) - Microsemi Corporation


1N5772 Product details

DESCRIPTION
These low capacitance diode arrays are multiple, discrete, isolated junctions fabricated by a planar process and mounted in a 10-PIN package for use as steering diodes protecting up to eight I/O ports from ESD, EFT, or surge by directing them to the positive side of the power supply line and to ground (see figure 1). An external TVS diode may be added between the positive supply line and ground to prevent overvoltage on the supply rail. They may also be used in fast switching core-driver applications. This includes computers and peripheral equipment such as magnetic cores, thin-film memories, plated-wire memories, etc., as well as decoding or encoding applications. These arrays offer many advantages of integrated circuits such as high-density packaging and improved reliability. This is a result of fewer pick and place operations, smaller footprint, smaller weight, and elimination of various discrete packages that may not be as user friendly in PC board mounting.

FEATURES
• Hermetic Ceramic Package
• Isolated Diodes To Eliminate Cross-Talk Voltages
• High Breakdown Voltage VBR > 60 V at 10 µA
• Low Leakage IR< 100nA at 40 V
• Low Capacitance C < 8.0 pF
• Options for screening in accordance with MIL-PRF-
   19500/474 for JAN, JANTX, JANTXV, and JANS are
   available by adding MQ, MX, MV, or MSP prefixes
   respectively to part numbers. For example, designate
   MX1N5772 for a JANTX screen.
  
APPLICATIONS / BENEFITS
• High Frequency Data Lines
• RS-232 & RS-422 Interface Networks
• Ethernet: 10 Base T
• Computer I/O Ports
• LAN
• Switching Core Drivers
• IEC 61000-4 Compatible (see circuit in figure 1)
   61000-4-2 ESD : Air 15kV, contact 8kW
   61000-4-4 (EFT) : 40A – 5/50 ns
   61000-4-5 (surge): 12A 8/20 µs




Similar Part No. - 1N5772

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5772 MICROSEMI-1N5772 Datasheet
255Kb / 2P
Isolated Diode Array with HiRel MQ, MX, MV, and MSP Screening Options
1N5772 MICROSEMI-1N5772 Datasheet
255Kb / 2P
Isolated Diode Array with HiRel MQ, MX, MV, and MSP Screening Options
1N5772 MICROSEMI-1N5772 Datasheet
255Kb / 2P
Isolated Diode Array with HiRel MQ, MX, MV, and MSP Screening Options
1N5772 MICROSEMI-1N5772 Datasheet
255Kb / 2P
Isolated Diode Array with HiRel MQ, MX, MV, and MSP Screening Options
logo
Sensitron
1N5772 SENSITRON-1N5772 Datasheet
44Kb / 3P
ISOLATED DIODE ARRAY
More results


Similar Description - 1N5772

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5768 MICROSEMI-1N5768 Datasheet
19Kb / 1P
MONOLITHIC AIR ISOLATED DIODE ARRAY
1N5770 MICROSEMI-1N5770 Datasheet
19Kb / 1P
MONOLITHIC AIR ISOLATED DIODE ARRAY
1N5774 MICROSEMI-1N5774 Datasheet
23Kb / 1P
MONOLITHIC AIR ISOLATED DIODE ARRAY
1N6100 MICROSEMI-1N6100 Datasheet
19Kb / 1P
MONOLITHIC AIR ISOLATED DIODE ARRAY
1N6101 MICROSEMI-1N6101 Datasheet
22Kb / 1P
MONOLITHIC AIR ISOLATED DIODE ARRAY
1N6506 MICROSEMI-1N6506 Datasheet
21Kb / 1P
MONOLITHIC AIR ISOLATED DIODE ARRAY
1N6507 MICROSEMI-1N6507 Datasheet
21Kb / 1P
MONOLITHIC AIR ISOLATED DIODE ARRAY
1N6508 MICROSEMI-1N6508 Datasheet
24Kb / 1P
MONOLITHIC AIR ISOLATED DIODE ARRAY
1N6509 MICROSEMI-1N6509 Datasheet
24Kb / 1P
MONOLITHIC AIR ISOLATED DIODE ARRAY
1N6511 MICROSEMI-1N6511 Datasheet
21Kb / 1P
MONOLITHIC AIR ISOLATED DIODE ARRAY
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com