Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5802 Datasheet (PDF) - Microsemi Corporation

1N5802 Datasheet PDF - Microsemi Corporation
Part # 1N5802
Download  1N5802 Download
File Size   46.75 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 2.5 AMPS FAST RECOVERY RECTIFIER CHIP 50 - 150 VOLTS

1N5802 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5802 Datasheet PDF - Microsemi Corporation

Part # 1N5802
Download  1N5802 Click to download

File Size   46.75 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 2.5 AMPS FAST RECOVERY RECTIFIER CHIP 50 - 150 VOLTS

1N5802 Datasheet (HTML) - Microsemi Corporation


1N5802 Product details

FEATURES:
• Chip Outline Dimensions: 41 x 41 mils
• Chip Thickness: 8 to 12 mils
• Anode Metallization: Aluminum
• Metallization Thickness: 50,000Ã Nominal
• Bonding Area: 23 x 23 mils Min.
• Back Metallization: Gold
• Junction Passivated with Thermal Silicon Dioxide - Planar Design
• Backside Available with Solderable Ag Backside as JANHCF or JANKCF




Similar Part No. - 1N5802

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5802 MICROSEMI-1N5802 Datasheet
318Kb / 2P
MILITARY APPROVED HIGH EFFICIENCY 2.5 AMP AND 6.0 AMP
1N5802 MICROSEMI-1N5802 Datasheet
53Kb / 2P
ULTRA FAST MILITARY RECTIFIERS
1N5802 MICROSEMI-1N5802 Datasheet
133Kb / 3P
MILITARY APPROVED, HIGH EFFICIENCY, 2.5 AMP AND 6.0 AMP
logo
Semtech Corporation
1N5802 SEMTECH-1N5802 Datasheet
204Kb / 3P
RECTIFIER, up to 150V, 2.5A, 25ns
logo
Sensitron
1N5802 SENSITRON-1N5802 Datasheet
45Kb / 3P
Ultrafast Recovery Rectifier
More results


Similar Description - 1N5802

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N5812 MCC-1N5812 Datasheet
124Kb / 2P
20 Amp Ultra Fast Recovery Rectifier 50 to 150 Volts
logo
Microsemi Corporation
1N5807 MICROSEMI-1N5807 Datasheet
46Kb / 3P
6 AMPS FAST RECOVERY RECTIFIER CHIP 50 - 150 VOLTS
logo
Solid States Devices, I...
SDA263AF-3 SSDI-SDA263AF-3 Datasheet
23Kb / 1P
75 AMPS 50 - 1000 VOLTS FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
SPD5415 SSDI-SPD5415 Datasheet
158Kb / 2P
3 AMPS 50 - 600 VOLTS 150 - 400 nsec FAST RECOVERY RECTIFIER
SPD5802 SSDI-SPD5802 Datasheet
148Kb / 2P
LOW LEAKAGE 2.0 AMPS 50 - 150 VOLTS 25 ns HYPERFAST RECOVERY RECTIFIER
SPD5807 SSDI-SPD5807 Datasheet
148Kb / 2P
6.0 AMPS 50 - 150 VOLTS 40 ns HYPERFAST RECOVERY RECTIFIER
SPD4942SM SSDI-SPD4942SM Datasheet
97Kb / 2P
1 AMPS 200-1000 VOLTS 150-200 nsec FAST RECOVERY RECTIFIER
1N3879 SSDI-1N3879 Datasheet
201Kb / 2P
6 AMPS 50-400 VOLTS 120 nsec FAST RECOVERY RECTIFIER
logo
New Jersey Semi-Conduct...
1N5415 NJSEMI-1N5415 Datasheet
97Kb / 1P
FAST RECOVERY GLASS PASSIVATED RECTIFIER 3.0 AMPS, 50 THRU 600 VOLTS
1N5812 NJSEMI-1N5812 Datasheet
84Kb / 1P
20 Amp Ultra Fast Recovery Rectifier 50 to 150 Volts
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com