Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4069 Datasheet (PDF) - Microsemi Corporation

4069 Datasheet PDF - Microsemi Corporation
Part # 4069
Download  4069 Download
File Size   78.45 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description HIGH VOLTAGE TEMPERATURE COMPENSATED ZENER DIODES

4069 Datasheet (PDF)

Go To PDF Page Download Datasheet
4069 Datasheet PDF - Microsemi Corporation

Part # 4069
Download  4069 Click to download

File Size   78.45 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description HIGH VOLTAGE TEMPERATURE COMPENSATED ZENER DIODES

4069 Datasheet (HTML) - Microsemi Corporation


4069 Product details

FEATURES
• ZENER VOLTAGE 12.4V to 200V
• TEMPERATURE COEFFICIENT RANGE: 0.005%/°C to 0.002%/°C




Similar Part No. - 4069

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
4069 CDI-DIODE-4069 Datasheet
50Kb / 2P
12.4 THRU 200 VOLT NOMINAL ZENER VOLTAGES 5%
logo
New Jersey Semi-Conduct...
4069 NJSEMI-4069 Datasheet
378Kb / 1P
HIGH VOLTAGE DIODES
logo
Heyco.
4069 HEYCO-4069 Datasheet
108Kb / 1P
Shorty Snap Rivets
logo
Adafruit Industries
4069 ADAFRUIT-4069 Datasheet
255Kb / 2P
3.5mm Stereo Male/Male Cables - Black Metal - 1 meter long
1-8-19
logo
Abbatron All Rights Res...
4069A-4069Q ABBATRON-4069A-4069Q Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
More results


Similar Description - 4069

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CDLL4916 CDI-DIODE-CDLL4916 Datasheet
77Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
CDLL821 CDI-DIODE-CDLL821 Datasheet
41Kb / 2P
TEMPERATURE COMPENSATED ZENER DIODES
logo
Microsemi Corporation
1N821UR-1 MICROSEMI-1N821UR-1 Datasheet
356Kb / 2P
TEMPERATURE COMPENSATED ZENER DIODES
1N935BUR-1 MICROSEMI-1N935BUR-1 Datasheet
535Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N3154UR-1 MICROSEMI-1N3154UR-1 Datasheet
108Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
New Jersey Semi-Conduct...
1N3154 NJSEMI-1N3154 Datasheet
86Kb / 1P
temperature compensated zener diodes
logo
Digitron Semiconductors
1N3154 DIGITRON-1N3154 Datasheet
171Kb / 2P
TEMPERATURE COMPENSATED ZENER DIODES
logo
American Microsemicondu...
1N4575 AMMSEMI-1N4575 Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4583 AMMSEMI-1N4583 Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4583A AMMSEMI-1N4583A Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com