Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A67L06361 Datasheet (PDF) - AMIC Technology

A67L06361 Datasheet PDF - AMIC Technology
Part # A67L06361
Download  A67L06361 Download
File Size   200.54 Kbytes
Page   18 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 2M X 18, 1M X 36 LVTTL, Flow-through ZeBL SRAM

A67L06361 Datasheet (PDF)

Go To PDF Page Download Datasheet
A67L06361 Datasheet PDF - AMIC Technology

Part # A67L06361
Download  A67L06361 Click to download

File Size   200.54 Kbytes
Page   18 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 2M X 18, 1M X 36 LVTTL, Flow-through ZeBL SRAM

A67L06361 Datasheet (HTML) - AMIC Technology


A67L06361 Product details

General Description
The AMIC Zero Bus Latency (ZeBLTM) SRAM family employs high-speed, low-power CMOS designs using an advanced CMOS process.
The A67L16181, A67L06361 SRAMs integrate a 2M X 18, 1M X 36 SRAM core with advanced synchronous peripheral circuitry and a 2-bit burst counter. These SRAMs are optimized for 100 percent bus utilization without the insertion of any wait cycles during Write-Read alternation.

Features
■ Fast access time: 6.5/7.5/8.5 ns (153, 133, 117 MHz)
■ Zero Bus Latency between READ and WRITE cycles allows 100% bus utilization
■ Signal +3.3V ± 5% power supply
■ Individual Byte Write control capability
■ Clock enable ( CEN ) pin to enable clock and suspend operations
■ Clock-controlled and registered address, data and control signals
■ Registered output for pipelined applications
■ Three separate chip enables allow wide range of options for CE control, address pipelining
■ Internally self-timed write cycle
■ Selectable BURST mode (Linear or Interleaved)
■ SLEEP mode (ZZ pin) provided
■ Available in 100 pin LQFP package




Similar Part No. - A67L06361

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A67L06361E AMICC-A67L06361E Datasheet
243Kb / 18P
2M X 18, 1M X 36 LVTTL, Flow-through ZeBL SRAM
A67L06361E-6.5 AMICC-A67L06361E-6.5 Datasheet
243Kb / 18P
2M X 18, 1M X 36 LVTTL, Flow-through ZeBL SRAM
A67L06361E-7.5 AMICC-A67L06361E-7.5 Datasheet
243Kb / 18P
2M X 18, 1M X 36 LVTTL, Flow-through ZeBL SRAM
A67L06361E-8.5 AMICC-A67L06361E-8.5 Datasheet
243Kb / 18P
2M X 18, 1M X 36 LVTTL, Flow-through ZeBL SRAM
More results


Similar Description - A67L06361

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A67L06181 AMICC-A67L06181 Datasheet
244Kb / 18P
1M X 18, 512K X 36 LVTTL, Flow-through ZeBL SRAM
A67L16181 AMICC-A67L16181 Datasheet
243Kb / 18P
2M X 18, 1M X 36 LVTTL, Flow-through ZeBL SRAM
A67P06361 AMICC-A67P06361 Datasheet
243Kb / 18P
2M X 18, 1M X 36 LVTTL, Flow-through ZeBL SRAM
A67P93361 AMICC-A67P93361 Datasheet
243Kb / 18P
1M X 18, 512K X 36 LVTTL, Flow-through ZeBL SRAM
A67L06181 AMICC-A67L06181_15 Datasheet
199Kb / 18P
1M X 18, 512K X 36 LVTTL, Flow-through ZeBL SRAM
A67L16181 AMICC-A67L16181_15 Datasheet
200Kb / 18P
2M X 18, 1M X 36 LVTTL, Flow-through ZeBL SRAM
A67L93361 AMICC-A67L93361 Datasheet
199Kb / 18P
1M X 18, 512K X 36 LVTTL, Flow-through ZeBL SRAM
A67P1618 AMICC-A67P1618 Datasheet
203Kb / 18P
2M X 18, 1M X 36 LVTTL, Pipelined ZeBL SRAM
A67P06361 AMICC-A67P06361_15 Datasheet
198Kb / 18P
2M X 18, 1M X 36 LVTTL, Flow-through ZeBL SRAM
A67P16181 AMICC-A67P16181 Datasheet
198Kb / 18P
2M X 18, 1M X 36 LVTTL, Flow-through ZeBL SRAM
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com