Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N649 Datasheet (PDF) - Microsemi Corporation

1N649 Datasheet PDF - Microsemi Corporation
Part # 1N649
Download  1N649 Download
File Size   169.49 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Silicon Switching Diode DO-35 Glass Package

1N649 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N649 Datasheet PDF - Microsemi Corporation

Part # 1N649
Download  1N649 Click to download

File Size   169.49 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Silicon Switching Diode DO-35 Glass Package

1N649 Datasheet (HTML) - Microsemi Corporation


1N649 Product details

Use Advantages
Used as a general purpose rectifier in power supplies, or for clipping and steering applications. High performance alternative to small signal diodes where space does not permit use of power rectifiers. May be used in hostile environments where hermeticity and reliability are important i.e. (Military and Aero/Space). MIL-S- 19500/ 240 approvals. Available up to JANTXV-1 level. "S" level screening capability to Source Control Drawings.

Features
● Six Sigma quality
● Humidity proof glass
● Metallurgically bonded
● Thermally matched system
● No thermal fatigue
● High surge capability
● Sigma Bond™ plated contacts
● 100% guaranteed solderability
● (DO-213AA) SMD MELF commercial (LL) and MIL (UR-1) types available




Similar Part No. - 1N649

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N649 MICROSEMI-1N649 Datasheet
177Kb / 3P
Silicon Rectifier Diodes
logo
List of Unclassifed Man...
1N649 ETC1-1N649 Datasheet
266Kb / 6P
silicon diode
logo
New Jersey Semi-Conduct...
1N649 NJSEMI-1N649 Datasheet
96Kb / 1P
Si Rectifier
1N649 NJSEMI-1N649 Datasheet
134Kb / 1P
General Purpose Rectifiers in "A" Bodt Package
logo
Digitron Semiconductors
1N649 DIGITRON-1N649 Datasheet
94Kb / 1P
SILICON RECTFIER DIODES
More results


Similar Description - 1N649

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4150 MICROSEMI-1N4150 Datasheet
72Kb / 1P
Silicon Switching Diode DO-35 Glass Package
1N41501N457A MICROSEMI-1N41501N457A Datasheet
71Kb / 1P
Silicon Switching Diode DO-35 Glass Package
1N4153 MICROSEMI-1N4153 Datasheet
64Kb / 1P
Silicon Switching Diode DO-35 Glass Package
1N4607 MICROSEMI-1N4607 Datasheet
235Kb / 4P
Silicon Switching Diode DO-35 Glass Package
1N914 MICROSEMI-1N914 Datasheet
63Kb / 1P
Silicon Switching Diode DO-35 Glass Package
logo
Vicor Corporation
02550 VICOR-02550 Datasheet
43Kb / 1P
SWITCHING DIODE, DO-35
logo
Microsemi Corporation
1N4150 MICROSEMI-1N4150 Datasheet
78Kb / 1P
Silicon Switching Diode DO-35 Glass Package
logo
Cystech Electonics Corp...
1N4148LC CYSTEKEC-1N4148LC Datasheet
158Kb / 4P
500mW DO-35 Hermetically glass sealed switching diode
logo
Microsemi Corporation
1N4454 MICROSEMI-1N4454 Datasheet
386Kb / 2P
Silicon Switching Diode DO-35 Glass Package
logo
Continental Device Indi...
DO-35 CDIL-DO-35 Datasheet
225Kb / 3P
DO-35 Hermetically Sealed Glass Axial Package
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com