Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSPESD304 Datasheet (PDF) - ON Semiconductor

CSPESD304 Datasheet PDF - ON Semiconductor
Part # CSPESD304
Download  CSPESD304 Download
File Size   249.09 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4-Channel ESD Array in CSP

CSPESD304 Datasheet (PDF)

Go To PDF Page Download Datasheet
CSPESD304 Datasheet PDF - ON Semiconductor

Part # CSPESD304
Download  CSPESD304 Click to download

File Size   249.09 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4-Channel ESD Array in CSP

CSPESD304 Datasheet (HTML) - ON Semiconductor


CSPESD304 Product details

Product Description
The CSPESD304 is a quad ESD transient voltage supression diode array. Each diode provides a very high level of protection for sensitive electronic components that may be subjected to electrostatic discharge (ESD). These diodes are designed and characterized to safely dissipate ESD strikes of 15kV, exceeding the maximum requirement of the IEC 61000-4-2 international standard. Using the MIL-STD-883 (Method 3015) specification for Human Body Model (HBM) ESD, the device provides protection for contact discharges to greater than 30kV.
The CSPESD304 is particularly well suited for portable electronics (e.g., cellular telephones, PDAs, notebook computers) because of its small package format and low weight.
The CSPESD304 is available in a space-saving, lowprofile Chip Scale Package with optional lead-free finishing.

Features
• Four channels of ESD protection
• +15kV ESD protection on each channel
   (IEC 61000-4-2 Level 4, contact discharge)
• +30kV ESD protection on each channel (HBM)
• Chip Scale Package features extremely low
   lead inductance for optimum ESD protection
• 5-bump, 0.950mm X 1.410mm footprint
   Chip Scale Package (CSP)
• Lead-free version available

Applications
• ESD protection for sensitive electronic equipment
• I/O port and keypad and button circuitry
   protection for portable devices
• Can be used for EMI filtering when combined
   with external series resistance
• Wireless Handsets
• Handheld PCs / PDAs
• MP3 Players
• Digital Camcorders
• Notebooks
• Desktop PCs




Similar Part No. - CSPESD304

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CSPESD304 CALMIRCO-CSPESD304 Datasheet
300Kb / 6P
The CSPESD304 is a quad ESD transient voltage supression diode array.
CSPESD304G CALMIRCO-CSPESD304G Datasheet
300Kb / 6P
The CSPESD304 is a quad ESD transient voltage supression diode array.
More results


Similar Description - CSPESD304

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CSPESD301 CALMIRCO-CSPESD301 Datasheet
430Kb / 7P
1,2 and 3-Channel ESD Arrays in CSP
CM1203 CALMIRCO-CM1203 Datasheet
246Kb / 7P
1, 2 and 3-Channel ESD Arrays in CSP
CM1204 CALMIRCO-CM1204 Datasheet
106Kb / 6P
4-Channel ESD Array in CSP
CM1220 CALMIRCO-CM1220 Datasheet
199Kb / 6P
4 and 8-Channel ESD Protection Arrays in CSP
CM1441 CALMIRCO-CM1441 Datasheet
615Kb / 8P
4-Channel EMI Filter Array w/ ESD 4-channel ESD Array
logo
ON Semiconductor
CM1204 ONSEMI-CM1204 Datasheet
311Kb / 9P
4-Channel ESD Array in CSP
April 2010 ??Rev. 3
CM1220 ONSEMI-CM1220 Datasheet
347Kb / 10P
4 and 8-Channel ESD Protection Arrays in CSP
March 2010 ??Rev.2
CM1242-07CP ONSEMI-CM1242-07CP Datasheet
150Kb / 5P
1-Channel ESD Protection Device in 0201 CSP
April 2010 ??Rev. 1
CM1242-33CP ONSEMI-CM1242-33CP Datasheet
150Kb / 5P
1-Channel ESD Protection Device in 0201 CSP
March 2010 ??Rev. 4
CM1244 ONSEMI-CM1244 Datasheet
206Kb / 7P
4-Channel ESD Array in CSP
April 2010 ??Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com