Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A9230-D Datasheet (PDF) - AMIC Technology

A9230-D Datasheet PDF - AMIC Technology
Part # A9230-D
Download  A9230-D Download
File Size   115.84 Kbytes
Page   2 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 13.56MHz Desk-Top Reader System

A9230-D Datasheet (PDF)

Go To PDF Page Download Datasheet
A9230-D Datasheet PDF - AMIC Technology

Part # A9230-D
Download  A9230-D Click to download

File Size   115.84 Kbytes
Page   2 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 13.56MHz Desk-Top Reader System

A9230-D Datasheet (HTML) - AMIC Technology


A9230-D Product details

13.56MHz Desk-Top Reader System

AMIC’s A9230-D desk-top reader family is a flexible and cost effective 13.56MHz contactless reader system for short range RFID applications. Three models are available to offer different user interfaces: USB, RS-232, or RS-485. A9230-D reader family can supports up to two antennas separate from the reader control unit by 2 meters.

Feature
● ISO-15693 protocol standard
● ISO-14443A UID only
● Operating distance up to 20 cm (A9290-A-0D and ISO-15693 ISO card tag)
● Supports USB, RS-232, or RS-485 host interface
● Baud rate up to 115.2 kbps
● Status LEDs
● USB port for power supply
● Complete application development library for Windows 2000 / XP

Applications
● Logistics
● Object tracking
● Asset management
● Access control
● Factory automation
● Inventory control
● Identification




Similar Part No. - A9230-D

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A9230-C AMICC-A9230-C Datasheet
85Kb / 2P
13.56MHz Desk-Top Reader System
More results


Similar Description - A9230-D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRH031M ETC1-TRH031M Datasheet
1Mb / 73P
13.56MHz Multi-protocol RFID Reader chip, 3.3V operation voltage
logo
Texas Instruments
RI-CTL-MB2B-30 TI1-RI-CTL-MB2B-30 Datasheet
767Kb / 40P
Series 2000 Reader System
logo
AMIC Technology
A92A0 AMICC-A92A0 Datasheet
118Kb / 3P
13.56MHz Industrial RFID Reader
A9230-C AMICC-A9230-C Datasheet
85Kb / 2P
13.56MHz Desk-Top Reader System
A9260-A-020 AMICC-A9260-A-020 Datasheet
166Kb / 2P
13.56MHz ISO15693 Reader Module
A9260-A-070 AMICC-A9260-A-070 Datasheet
87Kb / 2P
13.56MHz ISO15693 Reader Module
A9261-A-000 AMICC-A9261-A-000 Datasheet
83Kb / 2P
13.56MHz ISO-14443A Reader Module
A9262-A-000 AMICC-A9262-A-000 Datasheet
167Kb / 2P
13.56MHz RFID Reader Module
logo
Total Power Internation...
TPSPU41A TOTAL-POWER-TPSPU41A Datasheet
307Kb / 2P
40W Desk Top Type
TPSPU45E TOTAL-POWER-TPSPU45E Datasheet
207Kb / 2P
50W Desk Top Type
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com