Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4240 Datasheet (PDF) - Microsemi Corporation

2N4240 Datasheet PDF - Microsemi Corporation
Part # 2N4240
Download  2N4240 Download
File Size   75.6 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 5 Amp, 500V, High Voltage NPN Silicon Power Transistors

2N4240 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N4240 Datasheet PDF - Microsemi Corporation

Part # 2N4240
Download  2N4240 Click to download

File Size   75.6 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 5 Amp, 500V, High Voltage NPN Silicon Power Transistors

2N4240 Datasheet (HTML) - Microsemi Corporation




Similar Part No. - 2N4240

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N4240 MOSPEC-2N4240 Datasheet
217Kb / 4P
POWER TRANSISTORS(35W)
logo
Seme LAB
2N4240 SEME-LAB-2N4240 Datasheet
17Kb / 2P
NPN TRANSISTOR MEDIUM POWER HIGH VOLTAGE
logo
Boca Semiconductor Corp...
2N4240 BOCA-2N4240 Datasheet
224Kb / 4P
COMPLEMENTARY MEDIUM-POWER HIGH VOLTAGE POWER TRANSISTORS
logo
Central Semiconductor C...
2N4240 CENTRAL-2N4240 Datasheet
51Kb / 1P
Power Transistors
logo
New Jersey Semi-Conduct...
2N4240 NJSEMI-2N4240 Datasheet
362Kb / 2P
SPRINGFIELD, NEW JERSEY 07081
More results


Similar Description - 2N4240

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N6497 BOCA-2N6497 Datasheet
185Kb / 4P
HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
logo
Microsemi Corporation
2N3583 MICROSEMI-2N3583 Datasheet
63Kb / 3P
5 Amp, 250V, High Voltage NPN Silicon Power Transistors
2N3584 MICROSEMI-2N3584 Datasheet
64Kb / 3P
5 Amp, 375V, High Voltage NPN Silicon Power Transistors
2N3585 MICROSEMI-2N3585 Datasheet
64Kb / 3P
5 Amp, 500V, High Voltage NPN Silicon Power Transistors
logo
Continental Device Indi...
CSD1426F CDIL-CSD1426F Datasheet
110Kb / 3P
NPN HIGH VOLTAGE SILICON POWER TRANSISTORS
logo
Motorola, Inc
2N6251 MOTOROLA-2N6251 Datasheet
99Kb / 6P
High Voltage NPN Silicon Power Transistors
logo
ON Semiconductor
TIP47G ONSEMI-TIP47G Datasheet
163Kb / 6P
High Voltage NPN Silicon Power Transistors
April, 2010 ??Rev. 8
logo
New Jersey Semi-Conduct...
2N3439 NJSEMI-2N3439 Datasheet
144Kb / 1P
NPN SILICON HIGH VOLTAGE POWER TRANSISTORS
2N6249 NJSEMI-2N6249 Datasheet
137Kb / 3P
HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
MJE3439 NJSEMI-MJE3439 Datasheet
87Kb / 2P
NPN Silicon High-Voltage Power Transistors
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com