Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6303 Datasheet (PDF) - Microsemi Corporation

2N6303 Datasheet PDF - Microsemi Corporation
Part # 2N6303
Download  2N6303 Download
File Size   56.07 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Silicon PNP Power Transistors

2N6303 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6303 Datasheet PDF - Microsemi Corporation

Part # 2N6303
Download  2N6303 Click to download

File Size   56.07 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Silicon PNP Power Transistors

2N6303 Datasheet (HTML) - Microsemi Corporation


2N6303 Product details

DESCRIPTION:
These power transistors are produced by PPCs DOUBLE DIFFUSED PLANAR process. This technology produces high voltage devices with excellent switching speeds, frequency response, gain linearity, saturation voltages, high current gain, and safe operating areas. They are intended for use in Commercial, Industrial, and Military power switching, amplifier, and regulator applications.

FEATURES:
• Collector-Emitter Sustaining Voltage: VCEO(sus) = - 80 Vdc (Min)
• DC Current Gain: hFE = 30-150 @ IC = 1.5 Adc
• Low Collector-Emitter Saturation Voltage: VCE(sat) = - 0.75 Vdc @ IC = 1.5 Adc
• High Current-Gain - Bandwidth Product: fT = 90 MHz (Typ)

APPLICATIONS:
• High-Speed Switching
• Medium-Current Switching
• High-Frequency Amplifiers




Similar Part No. - 2N6303

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N6303 SEME-LAB-2N6303 Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO39
logo
New Jersey Semi-Conduct...
2N6303 NJSEMI-2N6303 Datasheet
153Kb / 1P
POWER TRANSISTORS PNP SILICON
2N6303 NJSEMI-2N6303 Datasheet
79Kb / 1P
SI PNP POWER BJT
More results


Similar Description - 2N6303

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BD244 BOURNS-BD244 Datasheet
106Kb / 5P
PNP SILICON POWER TRANSISTORS
BD544 BOURNS-BD544 Datasheet
103Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2SA1659 ETC-2SA1659 Datasheet
48Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SA1129 ISC-2SA1129 Datasheet
95Kb / 3P
Silicon PNP Power Transistors
2SA1067 ISC-2SA1067 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA1094 ISC-2SA1094 Datasheet
181Kb / 3P
Silicon PNP Power Transistors
2SA636 ISC-2SA636 Datasheet
149Kb / 3P
Silicon PNP Power Transistors
2SA1859 ISC-2SA1859 Datasheet
146Kb / 4P
Silicon PNP Power Transistors
2SA648 ISC-2SA648 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA971 ISC-2SA971 Datasheet
155Kb / 3P
Silicon PNP Power Transistors
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com