Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N751C Datasheet (PDF) - Microsemi Corporation

1N751C Datasheet PDF - Microsemi Corporation
Part # 1N751C
Download  1N751C Download
File Size   222.37 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SILICON 400 mW ZENER DIODES

1N751C Datasheet (PDF)

Go To PDF Page Download Datasheet
1N751C Datasheet PDF - Microsemi Corporation

Part # 1N751C
Download  1N751C Click to download

File Size   222.37 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SILICON 400 mW ZENER DIODES

1N751C Datasheet (HTML) - Microsemi Corporation


1N751C Product details

DESCRIPTION
The popular 1N746 thru 1N759A and 1N4370 thru 1N4372A series of 0.5 watt Zener Voltage Regulators provides a selection from 2.4 to 12 volts in standard 5% or 10% tolerances as well as tighter tolerances identified by different suffix letters on the part number. These glass axial-leaded DO-35 Zeners are also available with an internal-metallurgical-bond option by adding a “-1” suffix. These are also available in JAN, JANTX, and JANTXV military qualifications. Microsemi also offers numerous other Zener products to meet higher and lower power applications.

FEATURES
• JEDEC registered 1N746 thru 1N759A and 1N4370 thru 1N4372A series
• Internal metallurgical bond option available by adding a “-1” suffix
• Also available in JAN, JANTX, and JANTXV qualifications per MIL-PRF-19500/127 by adding the JAN, JANTX, or JANTXV prefixes to part numbers for desired level of screening as well as –1” suffix; (e.g. JANTX1N751A-1, JANTXV1N758C-1, etc.)
• Military Surface Mount equivalents also available in DO-213AA by adding a UR-1 suffix in addition to the JAN, JANTX, and JANTXV prefix; e.g. JANTX1N962BUR-1 (see separate data sheet)
• Commercial Surface Mount equivalents available as MLL746 to MLL759A and MLL4370 to MLL4372A including the “-1” suffix in the DO-213AA MELF style package (consult factory for others)
• DO-7 glass body axial-leaded Zener equivalents are also available

APPLICATIONS / BENEFITS
• Regulates voltage over a broad operating current and temperature range
• Selection from 2.4 to 12 V
• Standard voltage tolerances are plus/minus 5% with A suffix identification and 10 % with no suffix
• Tight tolerances available in plus or minus 2% or 1% with C or D suffix respectively
• Flexible axial-lead mounting terminals
• Nonsensitive to ESD per MIL-STD-750 Method 1020
• Minimal capacitance (see Figure 3)
• Inherently radiation hard as described in Microsemi MicroNote 050




Similar Part No. - 1N751C

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N751C NJSEMI-1N751C Datasheet
76Kb / 1P
Ref/Reg Diode
More results


Similar Description - 1N751C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N821 MOTOROLA-1N821 Datasheet
36Kb / 4P
TEMPERATURECOMPENSATED SILICON ZENER REFERENCE DIODES 6.2 V, 400 mW
1N821A MOTOROLA-1N821A Datasheet
41Kb / 3P
TEMPERATURECOMPENSATED SILICON ZENER REFERENCE DIODES 6.2 V, 400 mW
logo
Microsemi Corporation
1N4370 MICROSEMI-1N4370 Datasheet
70Kb / 2P
SILICON 500 mW ZENER DIODES
1N4678 MICROSEMI-1N4678 Datasheet
48Kb / 1P
SILICON 250 mW ZENER DIODES
1N5221-1 MICROSEMI-1N5221-1 Datasheet
102Kb / 3P
SILICON 500 mW ZENER DIODES
1N5728 MICROSEMI-1N5728 Datasheet
53Kb / 2P
SILICON 400 mW ZENER DIODES
1N957B-1 MICROSEMI-1N957B-1 Datasheet
92Kb / 2P
SILICON 500 mW ZENER DIODES
1N957B MICROSEMI-1N957B Datasheet
87Kb / 2P
SILICON 400 mW ZENER DIODES
1N992B MICROSEMI-1N992B Datasheet
221Kb / 3P
Silicon 500 mW Zener Diodes
logo
New Jersey Semi-Conduct...
1N6062B NJSEMI-1N6062B Datasheet
94Kb / 1P
400 mW low voltage avalanche low noise silicon zener diodes
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com