Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP6324 Datasheet (PDF) - ON Semiconductor

NCP6324 Datasheet PDF - ON Semiconductor
Part # NCP6324
Download  NCP6324 Download
File Size   269.48 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3MHz, 2A Synchronous Buck Converter

NCP6324 Datasheet (PDF)

Go To PDF Page Download Datasheet
NCP6324 Datasheet PDF - ON Semiconductor

Part # NCP6324
Download  NCP6324 Click to download

File Size   269.48 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3MHz, 2A Synchronous Buck Converter

NCP6324 Datasheet (HTML) - ON Semiconductor




Similar Part No. - NCP6324

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6324 ONSEMI-NCP6324 Datasheet
533Kb / 17P
Buck Converter - Synchronous 3 MHz, 2 A
July, 2020 ??Rev. 8
NCP6324BMTAATBG ONSEMI-NCP6324BMTAATBG Datasheet
533Kb / 17P
Buck Converter - Synchronous 3 MHz, 2 A
July, 2020 ??Rev. 8
NCP6324CMTAATBG ONSEMI-NCP6324CMTAATBG Datasheet
533Kb / 17P
Buck Converter - Synchronous 3 MHz, 2 A
July, 2020 ??Rev. 8
NCP6324 ONSEMI-NCP6324_V01 Datasheet
533Kb / 17P
Buck Converter - Synchronous 3 MHz, 2 A
July, 2020 ??Rev. 8
More results


Similar Description - NCP6324

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6334B ONSEMI-NCP6334B Datasheet
253Kb / 14P
3MHz, 2A Synchronous Buck Converter
May, 2012 ??Rev. 2
logo
SHANGHAI BELLING CO., L...
BL8076 BELLING-BL8076 Datasheet
686Kb / 7P
2A 3MHz 6V Synchronous Buck Converter
logo
ON Semiconductor
NCP6334B-V3 ONSEMI-NCP6334B-V3 Datasheet
256Kb / 14P
3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
NCP6354 ONSEMI-NCP6354_12 Datasheet
243Kb / 15P
3MHz, 2A Fixed-Frequency Synchronous Buck Converter
November, 2012 ??Rev. 2
NCV6334B ONSEMI-NCV6334B_12 Datasheet
251Kb / 14P
3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
NCV6354 ONSEMI-NCV6354 Datasheet
244Kb / 15P
3MHz, 2A Fixed-Frequency,Synchronous Buck Converter
November, 2012 ??Rev. 4
NCV6354BMTAATBG ONSEMI-NCV6354BMTAATBG Datasheet
244Kb / 15P
3MHz, 2A Fixed-Frequency Synchronous Buck Converter
November, 2012 ??Rev. 4
NCP6354 ONSEMI-NCP6354 Datasheet
243Kb / 15P
3MHz, 2A Fixed-Frequency Synchronous Buck Converter
November, 2012 ??Rev. 2
NCV6334B ONSEMI-NCV6334B Datasheet
251Kb / 14P
3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
logo
SHANGHAI BELLING CO., L...
BL8076 BELLING-BL8076_16 Datasheet
948Kb / 7P
2A 3MHz 6V Synchronous Buck Converter
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com